Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240QGA05NRS Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # PQ60240QGA05NRS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240QGA05NRS Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button PQ60240QGA05NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60240QGA05NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Input:
Output:
Current:
Package:
Technical Specification
35 - 75 V
24 V
5.0 A
Quarter-brick
Product # PQ60240QGA05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2-QGA624D Rev. B 10/01/08
Page 9
BASICOPERATIONANDFEATURES
The PowerQor series converter uses a two-stage power conver-
siontopology.Thefirststageisabuck-converterthatkeepsthe
outputvoltageconstantovervariationsinline,load,andtempera-
ture.Thesecondstageusesatransformertoprovidethefunctions
of input/output isolation and voltage step-down to achieve the
lowoutputvoltagerequired.
Both the first stage and the second stage switch at a fixed fre-
quency for predictable EMI performance. Rectification of the
transformer’soutputisaccomplishedwithsynchronousrectifiers.
These devices, which are MOSFETs with a very low on-state
resistance, dissipate far less energy than Schottky diodes. This
istheprimaryreasonthatthePowerQorconverterhassuchhigh
efficiency,evenatverylowoutputvoltagesandveryhighoutput
currents.
Dissipation throughout the converter is so low that it does not
requireaheatsinkforoperation.Sinceaheatsinkisnotrequired,
the PowerQor converter does not need a metal baseplate or
potting material to help conduct the dissipated energy to the
heatsink.ThePowerQorconvertercanthusbebuiltmoresimply
andreliablyusinghighyieldsurfacemounttechniquesonaPCB
substrate.
The PowerQor series of half-brick and quarter-brick converters
usestheindustrystandardfootprintandpin-outconfiguration.
CONTROLFEATURES
REMOTE ON/OFF (Pin 2):TheON/OFFinput,Pin2,permits
theusertocontrolwhentheconverterisonoroff.Thisinputis
referencedtothereturnterminaloftheinputbus,Vin(-).There
aretwoversionsoftheconverterthatdifferbythesenseofthe
logicusedfortheON/OFFinput.
In the positive logic version, the ON/OFF input is active high
(meaningthatahighturnstheconverteron).Inthenegativelogic
version, the ON/OFF signal is active low (meaning that a low
turnstheconverteron).FigureAdetailsfivepossiblecircuitsfor
drivingtheON/OFFpin.FigureBisadetailedlookoftheinter-
nalON/OFFcircuitry.
REMOTE SENSE(+) (Pins 7 and 5): The SENSE(+) inputs
correctforvoltagedropsalongtheconductorsthatconnectthe
converter’soutputpinstotheload.
Pin7shouldbeconnectedtoVout(+)andPin5shouldbecon-
nected to Vout(-) at the point on the board where regulation is
desired.Aremoteconnectionattheloadcanadjustforavoltage
droponlyaslargeasthatspecifiedinthisdatasheet,thatis
[Vout(+)-Vout(-)][Vsense(+)-Vsense(-)]<
SenseRange%xVout
Pins 7 and 5 must be connected for proper regulation of the
outputvoltage.Iftheseconnectionsarenotmade,theconverter
willdeliveranoutputvoltagethatisslightlyhigherthanitsspeci-
fiedvalue.
OpenCollectorEnableCircuit
Figure A: Various circuits for driving the ON/OFF pin.
Figure B: Internal ON/OFF pin circuitry
RemoteEnableCircuit
DirectLogicDrive
NegativeLogic
(PermanentlyEnabled)
PositiveLogic
(PermanentlyEnabled)
ON/OFF
Vin(_
)
ON/OFF
ON/OFF
Vin(_
)
ON/OFF
5V
TTL/
CMOS
Vin(_
)
ON/OFF
Vin(_)
Vin(_
)
TTL
5V
50k
274k
Vin(+)
ON/OFF
Vin(_)
50k
100pF


Similar Part No. - PQ60240QGA05NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240QGA05NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com