Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60240QGA05NYS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60240QGA05NYS
Description  Quarter-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60240QGA05NYS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60240QGA05NYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60240QGA05NYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Input:
Output:
Current:
Package:
Technical Specification
35 - 75 V
24 V
5.0 A
Quarter-brick
Product # PQ60240QGA05
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2-QGA624D Rev. B 10/01/08
Page 2
0.300
(7.62)
0.600
(15.24)
1.45
(36.8)
0.43
(10.9)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.14
(3.6)
2.30
(58.4)
2.00
(50.8)
Top View
Side View
Load Board
Bottom side
Clearance
See Note 9
Lowest
Component
0.43
(10.9)
0.060+.022/-.032
(1.52+.56/-.81)
0.145
(3.68)
See Note 3
Flanged Pin
See Note 10
MECHANICAL
DIAGRAM
NOTES
1)Pins1-3,5-7are0.040”(1.02mm)diameterwith
0.080”(2.03mm)diameterstandoffshoulders.
2)Pins4and8are0.062”(1.57mm)diameterwith0.100”
(2.54mm)diameterstandoffshoulders.
3)Otherpinextensionlengthsavailable.Recommendedpin
lengthis0.03”(0.76mm)greaterthanthePCBthickness.
4)AllPins:Material-CopperAlloy
Finish(RoHS6/6)-MatteTinoverNickelplate
5)Undimensionedcomponentsareshownforvisualreferenceonly.
6)Alldimensionsininches(mm)
Tolerances:x.xx+0.02in.(x.x+0.5mm)
x.xxx+0.010in.(x.xx+0.25mm)
7)Weight:1.5oz.(42g)typical
8)Workmanship:MeetsorexceedsIPC-A-610CClassII
9)UL/TUVstandardsrequireaclearancegreaterthan0.04”(1.02mm)
betweeninputandoutputforbasicinsulation.Thisissueshouldbe
consideredifanycoppertracesareonthetopsideoftheuser’s
board.Notethattheferritecoresareconsideredpartoftheinput/
primarycircuit.
10)Theflangedpinsaredesignedtopermitsurfacemountsolder-
ing(allowingtoavoidthewavesolderingprocess)throughthe
useoftheflangedpin-in-pastetechnique.
PinNo. Name
Function
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturnconverter
onandoff,referencedto
Vin(),withinternalpullup.
3
Vin()
Negativeinputvoltage
4
Vout()
Negativeoutputvoltage
5
SENSE()
Negativeremotesense1
6
TRIM
Outputvoltagetrim2
7
SENSE(+)
Positiveremotesense3
8
Vout(+)
Positiveoutputvoltage
Notes:
1. SENSE(–) should be connected to Vout(–) either remotely or at
the converter.
2. Leave TRIM pin open for nominal output voltage.
3. SENSE(+) should be connected to Vout(+) either remotely or at
the converter.
PINDESIGNATIONS


Similar Part No. - PQ60240QGA05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60240QGA05NYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
logo
SynQor Worldwide Headqu...
NQ40X40QGC30 SYNQOR-NQ40X40QGC30 Datasheet
648Kb / 9P
   Quarter-brick DC-DC Converter
PQ60025QPA60 SYNQOR-PQ60025QPA60 Datasheet
537Kb / 14P
   Quarter-brick DC/DC Converter
NQ60X60QGC20 SYNQOR-NQ60X60QGC20 Datasheet
653Kb / 9P
   Quarter-brick DC-DC Converter
PQ24033QGA25 SYNQOR-PQ24033QGA25 Datasheet
581Kb / 13P
   Quarter-brick DC/DC Converter
PQ24033QGL25 SYNQOR-PQ24033QGL25 Datasheet
439Kb / 13P
   Quarter-brick DC/DC Converter
PQ60120QEA17 SYNQOR-PQ60120QEA17 Datasheet
1Mb / 14P
   Quarter-brick DC-DC Converter
PQ60012QPA60 SYNQOR-PQ60012QPA60 Datasheet
531Kb / 13P
   Quarter-brick DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com