Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846ALT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BC846ALT1
Description  CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC846ALT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BC846ALT1 Datasheet HTML 1Page - Motorola, Inc BC846ALT1 Datasheet HTML 2Page - Motorola, Inc BC846ALT1 Datasheet HTML 3Page - Motorola, Inc BC846ALT1 Datasheet HTML 4Page - Motorola, Inc BC846ALT1 Datasheet HTML 5Page - Motorola, Inc BC846ALT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC846ALT1, BLT1 BC847ALT1, BLT1, CLT1 thru BC850ALT1, BLT1, CLT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, BC848A
(IC = 10 µA, VCE = 5.0 V)
BC846B, BC847B, BC848B
BC847C, BC848C
(IC = 2.0 mA, VCE = 5.0 V)
BC846A, BC847A, BC848A, BC849A, BC850A
BC846B, BC847B, BC848B, BC849B, BC850B
BC847C, BC848C, BC849C, BC850C
hFE
110
200
420
90
150
270
180
290
520
220
450
800
Collector – Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector – Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base – Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base – Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base – Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base – Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (IC = 0.2 mA,
BC846A, BC847A, BC848A
VCE = 5.0 Vdc, RS = 2.0 kΩ,
BC846B, BC847B, BC848B
f = 1.0 kHz, BW = 200 Hz)
BC847C, BC848C
BC849A,B,C, BC850A,B,C
NF
10
4.0
dB
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
–55
°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0


Similar Part No. - BC846ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC846ALT1 ONSEMI-BC846ALT1 Datasheet
160Kb / 6P
   General Purpose Transistors(NPN Silicon)
June, 2004 ??Rev. 6
logo
Leshan Radio Company
BC846ALT1 LRC-BC846ALT1 Datasheet
183Kb / 4P
   General Purpose Transistors(NPN Silicon)
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1 ONSEMI-BC846ALT1 Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
BC846ALT1D ONSEMI-BC846ALT1D Datasheet
137Kb / 13P
   General Purpose Transistors
October, 2010 ??Rev. 10
More results

Similar Description - BC846ALT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC856ALT1 MOTOROLA-BC856ALT1 Datasheet
249Kb / 8P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BC81716LT1 MOTOROLA-BC81716LT1 Datasheet
90Kb / 4P
   CASE 318-08, STYLE 6 SOT-23 (TO-236AB)
BAL99LT1 MOTOROLA-BAL99LT1 Datasheet
70Kb / 4P
   CASE 318-08, STYLE 18 SOT-23 (TO-236AB)
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
   CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
BAS21LT1 MOTOROLA-BAS21LT1 Datasheet
66Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
BAS40LT1 MOTOROLA-BAS40LT1 Datasheet
73Kb / 4P
   CASE 318-08, STYLE 8 SOT-23 TO-236AB
2N7002LT1 MOTOROLA-2N7002LT1 Datasheet
94Kb / 6P
   CASE 318-08, STYLE 21 SOT-23 (TO-236AB)
BAS4004LT1 MOTOROLA-BAS4004LT1 Datasheet
75Kb / 4P
   CASE 318 08, STYLE 12 SOT 23 (TO 236AB)
BAS7004LT1 MOTOROLA-BAS7004LT1 Datasheet
74Kb / 4P
   CASE 318-08, STYLE 12 SOT-23 TO-236AB
BAS70LT1 MOTOROLA-BAS70LT1 Datasheet
72Kb / 4P
   CASE 318 08, STYLE 8 SOT 23 (TO 236AB)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com