Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60260HTB10NKS Datasheet(PDF) 2 Page - SynQor Worldwide Headquarters

Part # PQ60260HTB10NKS
Description  Half-brick DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60260HTB10NKS Datasheet(HTML) 2 Page - SynQor Worldwide Headquarters

  PQ60260HTB10NKS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60260HTB10NKS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product # PQ60260HTB10
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HTB26F Rev. H
10/10/08
Page 2
Input:
Output:
Current:
Package:
35-75 V
26 V
9.6 A (250W)
Half-brick
Technical Specification
MECHANICAL
DIAGRAM
NOTES
1)Pins1-4,6-8,A,Bare0.040”(1.02mm)diameterwith
0.080”(2.03mm)diameterstandoffshoulders.
2)Pins5and9are0.080”(2.03mm)diameterwith0.125”
(3.18mm)diameterstandoffshoulders.
3)Pins3,A&BonlyincludedinFull-Featuremodels.
4)Pinlengthshowncorrespondstopinwith0.145”extension.
Otherpinextensionlengthsavailable.Recommendedpin
lengthis0.03”(0.76mm)greaterthanthePCBthickness.
5)Appliedtorqueperscrewshouldnotexceed3in-lb(.33Nm)
6)Baseplateflatnesstoleranceis0.004”(0.10mm)TIRforsurface.
7)AllPins:Material-CopperAlloy
Finish(5/6RoHS)-Tin/LeadoverNickelplate
Finish(6/6RoHS)-TinoverNickelplate
8)Undimensionedcomponentsareshownforvisualreferenceonly.
9)Alldimensionsininches(mm)
Tolerances:x.xx+/-0.02in.(x.x+/-0.5mm)
x.xxx+/-0.010in.(x.xx+/-0.25mm)
10)Weight:4.3oz(122g)typical
11)Workmanship:MeetsorexceedsIPC-A-610CClassII
Pin Farside
Typical
M3 Threaded
Standoff
4 Places
See Note 5
Top View
0.20
(5.1)
0.20
(5.1)
0.19
(4.8)
1.90
(48.3)
1.90
(48.3)
2.00
(50.8)
2.30
(58.4)
0.50
(12.7)
0.400
(10.16)
0.600
(15.24)
0.800
(20.32)
1.000
(25.40)
2.40
(61.0)
0.400
(10.16)
1.000
(25.40)
1.400
(35.56)
1.400
(35.56)
0.700
(17.78)
Side View
0.50
(12.7)
0.12 typ.
(3.0)
See Note 4
M3 Threaded
Standoff Ref.
Bottom side
Clearance
.065 +.020/-.023
(1.65 +.51/-.58)
PinNo. Name
Function
1
Vin(+)
Positiveinputvoltage
2
ON/OFF
TTLinputtoturnconverter
onandoff,referencedto
Vin(-),withinternalpullup.
3
I share
Single wire parallel signal
4
Vin(-)
Negativeinputvoltage
5
Vout(-)
Negativeoutputvoltage
6
SENSE(-)
Returnremotesense
7
TRIM
Outputvoltagetrim
8
SENSE(+)
Positiveremotesense
9
Vout(+)
Positiveoutputvoltage
A
Clock Sync
Clock synchronization
B
Start Sync
Startup synchronization
Pins in Italics Shaded text are Optional
PINDESIGNATIONS


Similar Part No. - PQ60260HTB10NKS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60240EGA03NKS SYNQOR-PQ60240EGA03NKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NNS SYNQOR-PQ60240EGA03NNS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NRS SYNQOR-PQ60240EGA03NRS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03NYS SYNQOR-PQ60240EGA03NYS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
PQ60240EGA03PKS SYNQOR-PQ60240EGA03PKS Datasheet
523Kb / 3P
   Dual Digital Silicon Transistor
More results

Similar Description - PQ60260HTB10NKS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com