Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280HEA13NNS Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # PQ60280HEA13NNS
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HEA13NNS Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  PQ60280HEA13NNS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HEA13NNS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # PQ60280HEA13
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HE628P Rev. C
7/3/07
Page 4
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
28 V
28 V
12.8 A
12.8 A
Half-brick
Half-brick
Parameter
Min.
Typ.
Max.
Units
Notes & Conditions
ABSOLUTE MAXIMUM RATINGS
Input Voltage
Non-Operating
100
V
Continuous
Operating
80
V
Continuous
Operating Transient Protection
100
V
100µs transient
Isolation Voltage (input to output)
2250
V
Basic insulation level, Pollution degree 2
Operating Temperature
-40
100
°C
Storage Temperature
-55
125
°C
Voltage at ON/OFF input pin
-2
18
V
INPUT CHARACTERISTICS
Operating Input Voltage Range
35
48
75
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
32.3
33.6
34.6
V
Turn-Off Voltage Threshold
29.6
30.6
31.8
V
Lockout Voltage Hysteresis
3.0
V
Maximum Input Current
11.0
A
100% Load, 35 Vin
No-Load Input Current
180
250
mA
Disabled Input Current
39
60
mA
Inrush Current Transient Rating
0.05
A2s
Input Reflected Ripple Current
40
mA
RMS thru 4.7µH inductor; Figures 13 & 15
Input Terminal Ripple Current
120
mA
RMS; Figures 13 & 14
Recommended Input Fuse
20
A
Fast blow external fuse recommended
Input Filter Component Values (L\C)
1.0 \ 5.0
µH\µF
Internal values; Figure E
Recommended External Input Capacitance
100
µF
Typical ESR 0.2W; see Figure
13
Recommended External Input Capacitor ESR1
0.04
0.20
1.00
W
100kHz, -40ºC to 100ºC
OUTPUT CHARACTERISTICS
Output Voltage Set Point
27.75
28.00
28.25
V
Output Voltage Regulation
Over Line
+0.05 \ 28 +0.10 \ 28 %\mV
Over Load
+0.1 \ 28 +0.2 \ 56
%\mV
Over Temperature
+45
+90
mV
Total Output Voltage Range
27.50
28.50
V
Over sample, line, load, temperature & life
Output Voltage Ripple and Noise1
20MHz bandwidth; Figures 13 & 16
Peak-to-Peak
150
200
mV
Full Load; Figures 13 & 16
RMS
30
50
mV
Full Load; Figures 13 & 16
Operating Output Current Range
0.0
12.8
A
Subject to thermal derating; Figures 5 - 8
Output DC Current-Limit Inception
14.7
15.8
17.0
A
Output Voltage 10% Low; Figure 25
Back-Drive Current-Limit While Enabled
0.5
1.0
2.0
A
Negative current drawn from output
Back-Drive Current-Limit While Disabled
0.14
0.20
0.30
A
Negative current drawn from output
Maximum Output Capacitance
4,000
µF
28Vout at 12.8A Resistive Load
DYNAMIC CHARACTERISTICS
Input Voltage Ripple Rejection
30
dB
120 Hz; Figure 20
Output Voltage during Load Current Transient
For a Step Change in Output Current (0.1A/µs)
500
mV
50-75-50% Iout max; 330µF cap; Figure 11
For a Step Change in Output Current (5A/µs)
500
mV
50-75-50% Iout max; 330µF cap; Figure 12
Settling Time
200
µs
To within 1% Vout nom
Turn-On Transient
Turn-On Time
10
19
26
ms
Full load, Vout=90% nom.; Figures 9 & 10
Start-Up Inhibit Time
2
4
6
ms
-40°C to +125°C; Figure A
Output Voltage Overshoot
0
%
4,000 µF load capacitance, Iout = 12.8A resistive load
EFFICIENCY
100% Load
94.5
%
Figures 1 - 4 (Figure 23 for baseplated)
50% Load
94.0
%
Figures 1 - 4 (Figure 23 for baseplated)
TEMPERATURE LIMITS FOR POWER DERATING CURVES
Semiconductor Junction Temperature
125
°C
Package rated to 150°C
Board Temperature
125
°C
UL rated max operating temp 130°C
Transformer Temperature
125
°C
See Figures 5 - 8 for derating curves
Maximum Baseplate Temperature2
100
°C
Applies to baseplated units only
ISOLATION CHARACTERISTICS
Isolation Voltage (dielectric strength)
2250
V
Isolation Resistance
30
MW
Isolation Capacitance3
220
pF
PQ60280HEA13 ELECTRICAL CHARACTERISTICS
TA=25°C, airflow rate=300 LFM, Vin=48Vdc unless otherwise noted; full operating temperature range is -40°C to +100°C ambient tem-
perature with appropriate power derating. Specifications subject to change without notice.
Note 1: For applications requiring reduced output voltage ripple and noise, consult SynQor applications support (e-mail: support@synqor.com)
Note 2: There is no derating with a baseplate temperature of 100ºC or lower.
Note 3: Higher values of isolation capacitance can be added external to the module.


Similar Part No. - PQ60280HEA13NNS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HZw22xyz-G SYNQOR-PQ60280HZw22xyz-G Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
More results

Similar Description - PQ60280HEA13NNS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com