Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5617A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5617A
Description  2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5617A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV5617A Datasheet HTML 4Page - Texas Instruments TLV5617A Datasheet HTML 5Page - Texas Instruments TLV5617A Datasheet HTML 6Page - Texas Instruments TLV5617A Datasheet HTML 7Page - Texas Instruments TLV5617A Datasheet HTML 8Page - Texas Instruments TLV5617A Datasheet HTML 9Page - Texas Instruments TLV5617A Datasheet HTML 10Page - Texas Instruments TLV5617A Datasheet HTML 11Page - Texas Instruments TLV5617A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLV5617A
2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG
CONVERTER WITH POWER DOWN
SLAS234B – JULY 1999 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–40
–20
0
20
40
60
80
100
120
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - C
VDD=3 V
VREF=1 V
Full scale
Fast Mode
Slow Mode
Figure 7
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–40
–20
0
20
40
60
80
100
120
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA - Free-Air Temperature - C
VDD=5 V
VREF=2 V
Full scale
Fast Mode
Slow Mode
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VREF = 1 V + 1 VP/P Sinewave,
Output Full Scale
3 V Fast Mode
5 V Fast Mode
Figure 8
f - Frequency - kHz
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VREF = 1 V + 1 VP/P Sinewave,
Output Full Scale
5 V Slow Mode
3 V Slow Mode
f - Frequency - kHz
Figure 9


Similar Part No. - TLV5617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5617A TI-TLV5617A Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACD TI-TLV5617ACD Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDG4 TI-TLV5617ACDG4 Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDR TI-TLV5617ACDR Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
TLV5617ACDRG4 TI-TLV5617ACDRG4 Datasheet
823Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
JULY 1999 - REVISED JULY 2002
More results

Similar Description - TLV5617A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com