Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280HEB13PYS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60280HEB13PYS
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HEB13PYS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60280HEB13PYS Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HEB13PYS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60280HEA13
PQ60280HEA13
Product # PQ60280HEA13
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HE628P Rev. C
7/3/07
Page 1
TThhee PPQ
Q6
60
02
28
80
0H
HEEA
A1
13
3 PPoow
weerrQ
Qoorr®® EExxaa ccoonnvveerrtteerr iiss aann iissoo--
llaatteedd,, ffiixxeedd ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess
ssyynncchhrroonnoouuss rreeccttiiffiiccaattiioonn aanndd aa ppaatteenntteedd ttooppoollooggyy ttoo
aacchhiieevvee eexxttrreem
meellyy hhiigghh eeffffiicciieennccyy aanndd ppoow
weerr ddeennssiittyy.. TThhiiss
m
moodduullee iiss iiddeeaallllyy ssuuiitteedd ttoo ssuuppppoorrtt w
wiirreelleessss bbaassee ssttaattiioonn
aam
mpplliiffiieerrss aanndd ffoorr aapppplliiccaattiioonnss ttoo ddrriivvee ccoooolliinngg ffaannss uusseedd iinn
nneettw
woorrkkiinngg ssyysstteem
mss,, sseerrvveerrss aanndd ddaattaa ssttoorraaggee uunniittss.. TThhee EExxaa
sseerriieess ccoonnvveerrtteerrss ooffffeerr iinndduussttrryy lleeaaddiinngg uusseeaabbllee oouuttppuutt ppoow
weerr
ffoorr aannyy ssttaannddaarrdd ““hhaallff--bbrriicckk”” m
moodduullee.. TThhee 2
28
8VVoo m
moodduulleess aarree
aavvaaiillaabbllee iinn ooppeenn ffrraam
mee aanndd bbaasseeppllaatteedd vveerrssiioonnss..
RRooH
HSS
ccoom
mpplliiaanntt ((sseeee ppaaggee 1
13
3))..
PQ60280HEA13 Module
48V
48V in
in
28V
28Vout
out
12.8Amp
12.8Amp 2250Vdc
2250Vdc
Half-brick
Half-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 94.5% at full rated load current,
94% at half rated load current
• Delivers up to 360 Watts of output power with minimal
derating
• Input voltage range: 35V – 75V, with 100V for 100ms
input transient capability
• Fixed frequency switching provides predictable EMI per-
formance
• On-board input and output filtering
Operational Features
Operational Features
• Industry standard half-brick pin-out configuration
• Industry standard size: 2.3” x 2.4” (58.4 x 61.0mm)
• Total height only 0.43” (10.8mm), baseplated unit only
0.50” (12.7mm)
• Total weight: 2.6 oz. (75 grams), baseplated unit
4.3oz. (123 grams)
Mechanical Features
Mechanical Features
• On/Off control referenced to input side (positive and
negative logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
Contr
Control Features
ol Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from damage
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• 2250V, 30 MW input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features


Similar Part No. - PQ60280HEB13PYS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HZw22xyz-G SYNQOR-PQ60280HZw22xyz-G Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
More results

Similar Description - PQ60280HEB13PYS

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com