Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280FTF26NRF-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # PQ60280FTF26NRF-G
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTF26NRF-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  PQ60280FTF26NRF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTF26NRF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
T
Technical
echnical
S
Specification
pecification
PQ60280FT
PQ60280FTA26
A26
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
4/17/08
Page 1
TThhee PPQ
Q6
60
02
28
80
0FFTTA
A2
26
6 PPoow
weerrQ
Qoorr®® TTeerraa ccoonnvveerrtteerr iiss aann iissoo--
llaatteedd,, ffiixxeedd ssw
wiittcchhiinngg ffrreeqquueennccyy D
DC
C/
/D
DC
C ccoonnvveerrtteerr tthhaatt uusseess
ssyynncchhrroonnoouuss rreeccttiiffiiccaattiioonn aanndd aa ppaatteenntteedd ttooppoollooggyy ttoo
aacchhiieevvee eexxttrreem
meellyy hhiigghh eeffffiicciieennccyy aanndd ppoow
weerr ddeennssiittyy.. TThhiiss
m
moodduullee iiss iiddeeaallllyy ssuuiitteedd ttoo ssuuppppoorrtt w
wiirreelleessss bbaassee ssttaattiioonn
aam
mpplliiffiieerrss aanndd ffoorr aapppplliiccaattiioonnss ttoo ddrriivvee ccoooolliinngg ffaannss uusseedd iinn
nneettw
woorrkkiinngg ssyysstteem
mss,, sseerrvveerrss aanndd ddaattaa ssttoorraaggee uunniittss.. TThhee TTeerraa
sseerriieess ccoonnvveerrtteerrss ooffffeerr iinndduussttrryy lleeaaddiinngg uusseeaabbllee oouuttppuutt ppoow
weerr
ffoorr aannyy ssttaannddaarrdd ““ffuullll--bbrriicckk”” m
moodduullee.. TThheessee 2
28
8VVoouutt m
moodduulleess
aarree aavvaaiillaabbllee iinn ooppeenn ffrraam
mee aanndd bbaasseeppllaatteedd vveerrssiioonnss..
RRooH
HSS
ccoom
mpplliiaanntt ((sseeee ppaaggee 1
13
3))..
PQ60280FTA26 Module
48V
48V in
in
28V
28Vout
out
26Amp
26Amp
2250Vdc
2250Vdc
Full-brick
Full-brick
Input
Input
Output
Output
Current
Current
Isolation
Isolation
DC/DC Conver
DC/DC Conver ter
ter
• Ultra-high efficiency, 95% at full rated load current,
96% at half rated load current
• Delivers up to 728 Watts of output power with minimal
derating
• Input voltage range: 36V – 75V, with 100V for 100ms
input transient capability
• Fixed frequency switching provides predictable
EMI performance
• On-board input and output filtering
Operational Features
Operational Features
• Industry standard full-brick pin-out configuration
• Industry standard size: 4.6” x 2.4” (116.8 x 61.0mm)
• Total height only 0.50” (12.7mm), open frame unit only
0.43” (10.8mm)
• Total weight: 10.0oz. (284 grams), open frame unit
only 5.0 oz. (142 grams)
Mechanical Features
Mechanical Features
• Fully isolated On/Off control (positive and negative
logic options are available)
• Remote sense for the output voltage compensates for
output distribution drops
• Output voltage trim permits custom voltages and voltage
margining
• Synchronization feature available (full feature only)
• Paralleling capability
Contr
Control Features
ol Features
• Input under-voltage lockout disables converter at low
input voltage conditions
• Output current limit and short circuit protection protects
converter and load from damage
• Active back bias limit prevents damage to converter
from external load induced pre-bias
• Output over-voltage protection
• Thermal shutdown
Pr
Protection Features
otection Features
• 2250V, 30 MW input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic
insulation rating
• TUV certified to EN60950-1
• Meets 72/23/EEC and 93/68/EEC directives
• Meets UL94V-0 flammability requirements
Safety Features
Safety Features


Similar Part No. - PQ60280FTF26NRF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTF26NRF-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com