Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280FTB26PYF-G Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # PQ60280FTB26PYF-G
Description  Full-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280FTB26PYF-G Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  PQ60280FTB26PYF-G Datasheet HTML 1Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 2Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 3Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 4Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 5Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280FTB26PYF-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Product # PQ60280FTA26
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2FT628P Rev. C
5/21/08
Page 3
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
36-75 V
36-75 V
28 V
28 V
26 A
26 A
Full-brick
Full-brick
2.40
(60.96)
2.000
(50.8)
0.20
(5.1)
Load Board
Bottom side
Clearance
1.750
(44.45)
1.400
(35.56)
1.150
(29.21)
0.900
(22.86)
0.500
(12.7)
0.250
(6.35)
0.050
(1.27)
3.150
(80.01)
4.20
(106.7)
4.60
(116.8)
0.20
(5.1)
0.45
(11.4)
0.150 (3.81)
0.300 (7.62)
0.450 (11.43)
0.600 (15.24)
0.750 (19.05)
1.250 (31.75)
0.850 (21.59)
0.450 (11.43)
0.300 (7.62)
0.150 (3.81)
0.061 +0.019 / -0.022
(1.55 +0.48 / -0.55)
0.180
(4.57)
See Note 3
Overall Height
0.492 +0.002 / -0.005
(12.5 +0.05 / -0.12)
Top View
Side View
NOTES
1) Pins 1-4, 7-12 are 0.040” (1.02mm) diameter, with
0.080” (2.03mm) diameter standoff shoulders.
2) Pins 5-6, 13-18 are 0.080” (2.03 mm) diameter with
0.125” (3.18mm) diameter standoff shoulders.
3) Other pin extension lengths available. Recommended pin
length is 0.03” (0.76mm) greater than the PCB thickness.
4) All Pins: Material - Copper Alloy
Finish - Matte Tin over Nickel plate
5) Undimensioned components are shown for visual reference only.
6) All dimensions in inches (mm)
Tolerances: x.xx +/-0.02 in. (x.x +/-0.5mm)
x.xxx +/-0.010 in. (x.xx +/-0.25mm)
7) Weight: 10 oz. (284 g) typical
8) Workmanship: Meets or exceeds IPC-A-610C Class II
9) UL/TUV standards require a clearance greater than 0.04” (1.02mm)
between input and output for Basic insulation. This issue should be
considered if any copper traces are on the top side of the user’s
board. Note that the ferrite cores are considered part of the
input/primary circuit.
10) Applied torque per screw should not exceed 3 in-lb (.33Nm)
1
2
5
6
3
4
13
7
8 9 10 11 12
14
15
16
18
17
MECHANICAL
DIAGRAM
(base-plated)
Pin No. Name
Function
1
SyncIn
Synchronization Input (full feature versions only)
2
SyncOut
Synchronization Output (full feature versions only)
3
+ON/OFF Turn converter on and off, referenced to – ON/OFF
4
– ON/OFF Fully isolated ground
5
Vin(+)
Positive input voltage
6
Vin(–)
Negative input voltage
7
Vaux
Remote ON/OFF power, referenced to Vout(–)
8
IOG
Power Good or Inverted Operation Good
9
PARALLEL
Current share
10
TRIM
Output voltage trim1
11
SENSE(+)
Positive remote sense2
12
SENSE(–)
Negative remote sense3
13
Vout(–)
Negative output voltage
14
Vout(–)
Negative output voltage
15
Vout(–)
Negative output voltage
16
Vout(+)
Positive output voltage
17
Vout(+)
Positive output voltage
18
Vout(+)
Positive output voltage
Pin Designations Notes:
1. Leave TRIM pin open for nominal output voltage.
2. SENSE(+) should be connected to Vout(+) either remotely or at the converter.
3. SENSE(–) should be connected to Vout(–) either remotely or at the converter.
PIN DESIGNATIONS
M3 Non-Threaded or
Threaded Standoff
4 Places
(see Note 10 for
threaded version)


Similar Part No. - PQ60280FTB26PYF-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HEA13 SYNQOR-PQ60280HEA13 Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKH SYNQOR-PQ60280HEA13NKH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NKS SYNQOR-PQ60280HEA13NKS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNH SYNQOR-PQ60280HEA13NNH Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
PQ60280HEA13NNS SYNQOR-PQ60280HEA13NNS Datasheet
621Kb / 14P
   Half-brick DC/DC Converter
More results

Similar Description - PQ60280FTB26PYF-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFB200 CUI-VFB200 Datasheet
766Kb / 4P
   full brick dc-dc converter
logo
Advanced Thermal Soluti...
ATS-1111-C1-R0 ATS-ATS-1111-C1-R0 Datasheet
403Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1149-C1-R0 ATS-ATS-1149-C1-R0 Datasheet
400Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1148-C1-R0 ATS-ATS-1148-C1-R0 Datasheet
399Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1109-C1-R0 ATS-ATS-1109-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1108-C1-R0 ATS-ATS-1108-C1-R0 Datasheet
398Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
ATS-1151-C1-R0 ATS-ATS-1151-C1-R0 Datasheet
402Kb / 1P
   Heat Sink for Full Brick DC-DC Converter
REV2_0114
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com