Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ60280HEB13PNH Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # PQ60280HEB13PNH
Description  Half-brick DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

PQ60280HEB13PNH Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button PQ60280HEB13PNH Datasheet HTML 6Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 7Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 8Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 9Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 10Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 11Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 12Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 13Page - SynQor Worldwide Headquarters PQ60280HEB13PNH Datasheet HTML 14Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product # PQ60280HEA13
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-2HE628P Rev. C
7/3/07
Page 10
T
Technical S
echnical Specification
pecification
Input:
Input:
Output:
Output:
Current:
Current:
PPackage:
ackage:
35-75 V
35-75 V
28 V
28 V
12.8 A
12.8 A
Half-brick
Half-brick
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
Load Current (A)
35 V
48 V
75 V
Figure 25: Output voltage vs. load current showing typical current limit
curves and converter shutdown points.


Similar Part No. - PQ60280HEB13PNH

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60280HZw22xyz-G SYNQOR-PQ60280HZw22xyz-G Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
More results

Similar Description - PQ60280HEB13PNH

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
   HALF-BRICK DC-DC CONVERTER
logo
CUI INC
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
   Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
   Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
   Half-brick DC/DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
   Half-brick DC/DC Converter
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
   Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
   Half-brick DC-DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
   half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
   half-brick dc-dc converter
logo
SynQor Worldwide Headqu...
PQ55530HEB08 SYNQOR-PQ55530HEB08 Datasheet
636Kb / 14P
   Half-brick DC/DC Converter
logo
CUI INC
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
   half brick dc-dc converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com