Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5625IDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5625IDG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5625IDG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5625IDG4 Datasheet HTML 1Page - Texas Instruments TLV5625IDG4 Datasheet HTML 2Page - Texas Instruments TLV5625IDG4 Datasheet HTML 3Page - Texas Instruments TLV5625IDG4 Datasheet HTML 4Page - Texas Instruments TLV5625IDG4 Datasheet HTML 5Page - Texas Instruments TLV5625IDG4 Datasheet HTML 6Page - Texas Instruments TLV5625IDG4 Datasheet HTML 7Page - Texas Instruments TLV5625IDG4 Datasheet HTML 8Page - Texas Instruments TLV5625IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLV5625
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH POWER DOWN
SLAS233A – JULY 1999 – REVISED MARCH 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
(Continued)
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
–1
µA
Ci
Input capacitance
8
pF
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t (FS)
Output settling time full scale
RL = 10 kΩ,CL = 100 pF,
Fast
2.5
µs
ts(FS)
Output settling time, full scale
L
,
L
,
See Note 11
Slow
12
µs
t (CC)
Output settling time code to code
RL = 10 kΩ,CL = 100 pF,
Fast
1
µs
ts(CC)
Output settling time, code to code
L
,
L
,
See Note 12
Slow
2
µs
SR
Slew rate
RL = 10 kΩ,CL = 100 pF,
Fast
3
V/
µs
SR
Slew rate
L
,
L
,
See Note 13
Slow
0.5
V/
µs
Glitch energy
DIN = 0 to 1,
FCLK = 100 kHz,
CS = VDD
5
nV–s
SNR
Signal-to-noise ratio
52
54
SINAD
Signal-to-noise + distortion
fs = 102 kSPS, fout = 1 kHz,
48
49
dB
THD
Total harmonic distortion
s
,
out
,
RL = 10 kΩ,CL = 100 pF
–50
–48
dB
SFDR
Spurious free dynamic range
48
50
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDF and 0xFDF to 0x020 respectively. Not tested, assured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% of full-scale voltage.


Similar Part No. - TLV5625IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625IDG4 TI-TLV5625IDG4 Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
More results

Similar Description - TLV5625IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5617A TI-TLV5617A Datasheet
197Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5623C TI1-TLV5623C_16 Datasheet
982Kb / 24P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623C TI-TLV5623C Datasheet
242Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5623CDG4 TI-TLV5623CDG4 Datasheet
948Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com