Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5614IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5614IPWR
Description  2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5614IPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV5614IPWR Datasheet HTML 1Page - Texas Instruments TLV5614IPWR Datasheet HTML 2Page - Texas Instruments TLV5614IPWR Datasheet HTML 3Page - Texas Instruments TLV5614IPWR Datasheet HTML 4Page - Texas Instruments TLV5614IPWR Datasheet HTML 5Page - Texas Instruments TLV5614IPWR Datasheet HTML 6Page - Texas Instruments TLV5614IPWR Datasheet HTML 7Page - Texas Instruments TLV5614IPWR Datasheet HTML 8Page - Texas Instruments TLV5614IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TLV5614
2.7-V TO 5.5-V 12-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS188 – SEPTEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted) (continued)
individual DAC output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Voltage output range
RL = 10 kΩ
0
AVDD–0.4
V
Output load regulation accuracy
RL = 2 kΩ vs 10 kΩ
0.1
0.25
% of FS
voltage
reference inputs (REFINAB, REFINCD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage range
See Note 10
0
AVDD–1.5
V
RI
Input resistance
10
M
CI
Input capacitance
5
pF
Reference feed through
REFIN = 1 Vpp at 1 kHz + 1.024 V dc
(see Note 11)
–75
dB
Reference input bandwidth
REFIN = 0 2 V
+ 1 024 V dc large signal
Slow
0.5
MHz
Reference input bandwidth
REFIN = 0.2 Vpp + 1.024 V dc large signal
Fast
1
MHz
NOTES: 10. Reference input voltages greater than VDD/2 will cause output saturation for large DAC codes.
11. Reference feedthrough is measured at the DAC output with an input code = 000 hex and a Vref (REFINAB or REFINCD)
input = 1.024 Vdc + 1 Vpp at 1 kHz.
digital inputs (DIN, CS, LDAC, PD)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
±1
µA
IIL
Low-level digital input current
VI = 0 V
±1
µA
CI
Input capacitance
3
pF
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5-V supply,
No load Clock running
Slow
1.6
2.4
mA
IDD
Power supply current
No load, Clock running,
All inputs 0 V or VDD
Fast
3.8
5.6
mA
IDD
Power supply current
3-V supply,
No load Clock running
Slow
1.2
1.8
mA
No load, Clock running,
All inputs 0 V or DVDD
Fast
3.2
4.8
mA
Power down supply current (see Figure 12)
10
nA


Similar Part No. - TLV5614IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5614IYE TI1-TLV5614IYE Datasheet
231Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V, 12-BIT QUAD DAC IN WAFER CHIP SCALE PACKAGE
TLV5614IYZ TI1-TLV5614IYZ Datasheet
666Kb / 25P
[Old version datasheet]   12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
TLV5614IYZR TI1-TLV5614IYZR Datasheet
666Kb / 25P
[Old version datasheet]   12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
TLV5614IYZT TI1-TLV5614IYZT Datasheet
666Kb / 25P
[Old version datasheet]   12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
More results

Similar Description - TLV5614IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5604 TI-TLV5604 Datasheet
359Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5604 TI-TLV5604_15 Datasheet
548Kb / 31P
[Old version datasheet]   2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616 TI1-TLV5616_12 Datasheet
845Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C_15 Datasheet
861Kb / 29P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5617A TI-TLV5617A_15 Datasheet
822Kb / 20P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5619-EP TI-TLV5619-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5616C TI-TLV5616C Datasheet
310Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5614-EP TI1-TLV5614-EP Datasheet
825Kb / 32P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-關s QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com