Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV987 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 1 Page - Texas Instruments

  TLV987 Datasheet HTML 1Page - Texas Instruments TLV987 Datasheet HTML 2Page - Texas Instruments TLV987 Datasheet HTML 3Page - Texas Instruments TLV987 Datasheet HTML 4Page - Texas Instruments TLV987 Datasheet HTML 5Page - Texas Instruments TLV987 Datasheet HTML 6Page - Texas Instruments TLV987 Datasheet HTML 7Page - Texas Instruments TLV987 Datasheet HTML 8Page - Texas Instruments TLV987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 10-Bit, 27 MSPS, A/D Converter
D Single 3-V Supply Operation
D Low Power: 200 mW Typical at 3 V, 2 mW
Power-Down Mode
D Differential Nonlinearity Error: <±0.6 LSB
Typ
D Integral Nonlinearity Error: <±2 LSB Typ
D Programmable Gain Amplifier (PGA) With
0-dB to 36-dB Gain Range (0.09 dB/step)
D Automatic or Programmable Black Level
and Offset Calibration
D Additional DACs for External Analog
Setting
D Serial Interface for Register Configuration
D Internal Reference Voltages
D 48-Pin TQFP Package
applications
D Digital Still Camera
D Digital Camcorder
D Digital Video Camera
description
The TLV987 is a highly integrated monolithic analog signal processor/digitizer designed to interface the area
charge-coupled device (CCD) sensors in digital camera applications. The TLV987 performs all the analog
processing functions necessary to maximize the dynamic range, corrects various errors associated with the
CCD sensor, and then converts the results from analog to digital using the on-chip high-speed analog-to-digital
converter (ADC). The key components of the TLV987 include input clamp circuitry, a correlated double sampler
(CDS), and a programmable gain amplifier (PGA). The PGA has 0-dB to 36-dB gain range. In addition, the
TLV987 has two internal digital-to-analog converters (DACs) for automatic or programmable optical black level
and offset calibration. The TLV987 also has two additional DACs for external system control, and internal
reference voltages. The TLV987 has a parallel data port for easy microprocessor interface and a serial port for
configuring internal control registers.
Designed in advanced CMOS process, the TLV987 operates from a single 3-V power supply with a normal
power consumption of 200 mW and a 2 mW power-down mode.
Very high throughput rate, single 3-V operation, low power consumption, and fully integrated analog processing
circuitry make the TLV987 an ideal CCD sensor interfacing solution for digital camera applications.
The device is available in a 48-pin TQFP package and is characterized for operation over 0
°C to 70°C operating
free-air temperature range.
AVAILABLE OPTIONS
TA
PACKAGE
TA
TQFP (PFB)
0
°C to 70°C
TLV987CPFB
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
14 15
BLKG
TPP
TPM
AVDD4
AGND4
OBCLP
STBY
RESET
CS
SDIN
SCLK
ADCCLK
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
DIN
PIN
AVDD2
AGND2
DGND
DVDD
D0
D1
D2
D3
D4
D5
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PFB PACKAGE
(TOP VIEW)
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TLV987

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLV986PFB TI-TLV986PFB Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
More results

Similar Description - TLV987

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV986 TI-TLV986 Datasheet
266Kb / 20P
[Old version datasheet]   3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
TLC976C TI-TLC976C Datasheet
220Kb / 17P
[Old version datasheet]   10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
TLV990B TI-TLV990B Datasheet
291Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
TLV990 TI-TLV990 Datasheet
281Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD AND VIDEO SIGNAL PROCESSOR
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
logo
Analog Devices
AD9840A AD-AD9840A Datasheet
162Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9843A AD-AD9843A Datasheet
170Kb / 16P
   Complete 10-Bit 20 MSPS CCD Signal Processor
REV. 0
AD9840AJSTZ AD-AD9840AJSTZ Datasheet
143Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
AD9804 AD-AD9804_15 Datasheet
304Kb / 8P
   Complete 10-Bit 18 MSPS CCD Signal Processor
REV. 0
AD9840A AD-AD9840A_15 Datasheet
155Kb / 16P
   Complete 10-Bit 40 MSPS CCD Signal Processor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com