Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM9424JPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHM9424JPT
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHM9424JPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHM9424JPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHM9424JPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTIC ( CHM9424JPT )
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-1
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
25
V
ON CHARACTERISTICS
GS
g
= 0 V, ID
FS
Forward Transconductance
V
= -250 µA
DS
nA
-20
= -10V
V
nA
, I
I
D
DSS
S
= -7.7
Zero Gate Voltage Drain Current
I
V
R
DS
DS(ON)
Gate-Body Leakage
Static Drain-Source On-Resistance
=
m
Gate-Body Leakage
VGS=-4.5V, ID=-7.7A
-24 V,
V
V
GS
GS
= 8V,
= 0 V
VDS
µ
= 0 V
A
SWITCHING
+100
CHARACTERISTICS
-100
VGS = -8V, VDS
Qgs
= 0 V
Gate-Source Charge
6
Q gd
Gate-Drain Charge
t
V
on
GS
Turn-On Time
(th)
nS
Gate Threshold Voltage
V
V
DD
DS
= -6V
I
= V
D
GS
= -1.0A
, I
,
D
V
= -250 µA
GS
= -4.5 V
80
tr
-0.6
Rise Time
V
130
VGS=-2.5V, ID=-6.6A
400
tf
Fall Time
250
Qg
Total Gate Charge
14
VDS=-6V, ID=-7.7A
VGS=-4.5V
Turn-Off Time
toff
RGEN= 6
(Note 2)
(Note 4)
-1
23
S
nC
60
90
310
190
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
45
54
VSD
Drain-Source Diode Forward Current
Drain-Source Diode Forward Voltage IS = -2.3A, VGS= 0 V
-2.3
-1.2
A
V
(Note 1)
(Note 2)
35
20
29
GSSF
I
I
GSSR
Dynamic Characteristics
Input Capacitance
Reverse Transfer Capacitance
Output Capacitance
Ciss
Coss
Crss
VDS = -10V, VGS = 0V,
f = 1.0 MHz
2130
760
127
pF


Similar Part No. - CHM9424JPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM9407AJPT CHENMKO-CHM9407AJPT Datasheet
212Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
CHM9407AZPT CHENMKO-CHM9407AZPT Datasheet
200Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
CHM9410JPT CHENMKO-CHM9410JPT Datasheet
322Kb / 3P
   N-Channel Enhancement Mode Field Effect Transistor
CHM9433JPT CHENMKO-CHM9433JPT Datasheet
185Kb / 2P
   P-Channel Enhancement Mode Field Effect Transistor
CHM9435AJPT CHENMKO-CHM9435AJPT Datasheet
325Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHM9424JPT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com