Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP202UPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # CHP202UPT
Description  SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHP202UPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  CHP202UPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHP202UPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHP202UPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SWITCHING DIODE
VOLTAGE 80 Volts
CURRENT 0.1 Ampere
APPLICATION
FEATURE
* Small surface mounting type. (SC-70/SOT-323)
* High speed. (TRR=1.5nSec Typ.)
* Suitable for high packing density.
CONSTRUCTION
CIRCUIT
* Silicon epitaxial planar
SC-70/SOT-323
* Ultra high speed switching
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Average Reverse Current at VR= 70V
CHARACTERISTICS
SYMBOL
UNITS
1.20
0.1
uAmps
Volts
Maximum Instantaneous Forward Voltage at IF= 100mA
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current at 1uSec.
Typical Junction Capacitance between Terminal (Note 1)
Storage Temperature Range
Maximum Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
CHP202UPT
CHP202UPT
UNITS
80
Volts
Volts
Volts
Amps
56
80
0.1
4.0
3.5
+150
-55 to +150
Amps
pF
Maximum Reverse Recovery Time (Note 2)
TRR
4.0
nSec
oC
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 6.0 volts.
2. Measured at applied froward current of 5mA and reverse voltage of 6.0 volts.
3. ESD sensitive product handling required.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
MARKING
* MO
(1)
(2)
(3)
Dimensions in millimeters
SC-70/SOT-323
0.65
0.65
1.3±0.1
2.0±0.2
0.8~1.1
0.3±0.1
0.05~0.2
0~0.1
1.25±0.1
2.0~2.45
0.1Min.


Similar Part No. - CHP202UPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHP202KPT CHENMKO-CHP202KPT Datasheet
87Kb / 2P
   SWITCHING DIODE
CHP202N1PT CHENMKO-CHP202N1PT Datasheet
80Kb / 2P
   SWITCHING DIODE
More results

Similar Description - CHP202UPT

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com