Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT589PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT589PT
Description  PNP Silicon Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT589PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT589PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT589PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb = 25 °C unless otherwise speciÞed.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
357
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = -30 V
-100
nA
IEBO
emitter cut-off current
IC = 0; VEB =-4V
-100
nA
IC = -500mA; VCE = -2V
IC = -1A; VCE = - 2V
100
hFE
DC current gain
IC = -1 mA; VCE= -2V
300
IC = -2A; VCE
Ic = -0.5A; IB=-50mA
VCEsat
collector-emitter saturation
voltage
Ic = -1A; IB=-100mA
IC = -2A; IB = -200 mA
VBEsat
base-emitter saturation voltage
IC = -1A; VCE = -2V
fT
transition frequency
IC = -100 mA; VCE =- 5 V;
f = 100 MHz
100
MHz
RATING CHARACTERISTIC CURVES ( CHT589PT )
= -2V
-0.25
-0.35
-0.65
V
V
V
V
-1.2
100
80
40
VBEon
base-emitter turn-on voltage
IC = -1A; IB = -100 mA
-1.1
V
Cobo
output capacitance
15
pF
VCB = -10V; f = 1 MHz


Similar Part No. - CHT589PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT5824XPT CHENMKO-CHT5824XPT Datasheet
338Kb / 2P
   NPN Silicon Transisto r
CHT5889PT CHENMKO-CHT5889PT Datasheet
305Kb / 3P
   PNP Switching Transistor
More results

Similar Description - CHT589PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com