Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT846BWPT Datasheet(PDF) 4 Page - Chenmko Enterprise Co. Ltd.

Part # CHT846BWPT
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT846BWPT Datasheet(HTML) 4 Page - Chenmko Enterprise Co. Ltd.

  CHT846BWPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT846BWPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT846BWPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. CHT846BWPT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING CHARACTERISTIC CURVES ( CHT846BWPT)
fig10.Fall time VS. collector current
10
100
500
fig9.Rise time VS. collector current
1.0
5
10
100
500
fig11.Input / output capacitance VS. voltage
I - COLLECTO
CURRENT (mA)
C
10
100
1000
I - COLLECTO
CURRENT (mA)
C
10
100
1000
1.0
REVERSE BIAS VOLTAGE(V)
10
100
1.0
0.1
1
10
100
O
Ta=25 C
O
Ta=25 C
O
Ta=25 C
Vcc=30V
Vcc=30V
IC/IB=10
f=1MHZ
Cib
Cob


Similar Part No. - CHT846BWPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT846BPT CHENMKO-CHT846BPT Datasheet
255Kb / 4P
   NPN General Purpose Transistor
More results

Similar Description - CHT846BWPT

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com