Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT2301WPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # CHT2301WPT
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT2301WPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  CHT2301WPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT2301WPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT2301WPT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHT2301WPT )
Electrical Characteristics T
A = 25°C unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
130
ON CHARACTERISTICS
VSD
Diose Forward Voltage
VDS = 0V, IS = -1.0 A
1.0
V
RDS(ON)
Static Drain-Source On-Resistance
m
VGS=-4.5V, ID=-2.8A
SWITCHING CHARACTERISTICS
Qgs
Gate-Source Charge
1.06
nC
Q gd
Gate-Drain Charge
ton
Turn-On Time
nS
V
DD
= -10V
ID = -1.0A, VGEN= -4.5 V
13
tr
Rise Time
36
-1
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = -250 µA
nA
-20
V
nA
I
GSS
DSS
GSS
Zero Gate Voltage Drain Current
I
V
I
DS
Gate-Body Leakage
=
Gate-Body Leakage
-16 V,
V
V
GS
GS
= 8 V,
= 0 V
VDS
µ
= 0 V
A
+100
-100
VGS = -8 V, VDS = 0 V
190
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = -250 µA
-0.6
V
VGS=-2.5V, ID=-2.0A
42
tf
Fall Time
34
Qg
Total Gate Charge
4.32
0.84
VDS=-10V, ID=-1A
VGS=-4.5V
Turn-Off Time
toff
RL= 10
, RGEN= 10
(Note 2)
(Note 3)
Note : 3. Guaranteed by design , not subject to production trsting


Similar Part No. - CHT2301WPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT2301PT CHENMKO-CHT2301PT Datasheet
307Kb / 3P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CHT2301WPT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com