Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT8550PT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part # CHT8550PT
Description  EPITAXIAL Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

CHT8550PT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

  CHT8550PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. CHT8550PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. CHT8550PT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATING CHARACTERISTIC CURVES ( CHT8550PT )
Figure 2. Base-Emitter Saturation Voltage
COLLECTOR CURRENT, IC(A)
Figure 3. DC Current Gain
10
100
1000
VCE=-1.0V
Ta = 25
oC
vs Collector Current
1000
1.0
10
100
1000
10000
Figure 1. Collector-Emitter Saturation
0.1
1
COLLECTOR CURRENT, IC(mA)
100
Voltage vs Collector Current
IC/IB=10
Ta = 25
oC
1.0
10
100
1000
10000
0.1
COLLECTOR CURRENT, IC(mA)
10
10000
1000
1.0
10
100
1000
10000
0.1
1
100
IC/IB=10
Ta = 25
oC
10
10000


Similar Part No. - CHT8550PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHT856BPT CHENMKO-CHT856BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT856BWPT CHENMKO-CHT856BWPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BPT CHENMKO-CHT857BPT Datasheet
127Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BTPT CHENMKO-CHT857BTPT Datasheet
125Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
CHT857BVPT CHENMKO-CHT857BVPT Datasheet
129Kb / 4P
   PNP Muti-Chip General Purpose Amplifier
More results

Similar Description - CHT8550PT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBTA05 SECOS-MMBTA05_15 Datasheet
324Kb / 2P
   Epitaxial Transistor
MMBTA05 SECOS-MMBTA05 Datasheet
324Kb / 2P
   Epitaxial Transistor
MMBTA94 SECOS-MMBTA94 Datasheet
283Kb / 2P
   Epitaxial Transistor
MMBTA94 SECOS-MMBTA94_15 Datasheet
273Kb / 2P
   Epitaxial Transistor
MMBTA44 SECOS-MMBTA44 Datasheet
425Kb / 2P
   Epitaxial Transistor
logo
Chenmko Enterprise Co. ...
CHT8050PT CHENMKO-CHT8050PT Datasheet
269Kb / 3P
   EPITAXIAL Transistor
2SA1213PT CHENMKO-2SA1213PT Datasheet
154Kb / 4P
   PNP Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
   NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
   NPN Epitaxial Transistor
2SB1386PT CHENMKO-2SB1386PT Datasheet
159Kb / 3P
   PNP Epitaxial Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com