Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5402 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 3Page - Texas Instruments TMS320UC5402 Datasheet HTML 4Page - Texas Instruments TMS320UC5402 Datasheet HTML 5Page - Texas Instruments TMS320UC5402 Datasheet HTML 6Page - Texas Instruments TMS320UC5402 Datasheet HTML 7Page - Texas Instruments TMS320UC5402 Datasheet HTML 8Page - Texas Instruments TMS320UC5402 Datasheet HTML 9Page - Texas Instruments TMS320UC5402 Datasheet HTML 10Page - Texas Instruments TMS320UC5402 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
NAME
DESCRIPTION
TYPE†
TERMINAL
NAME
DESCRIPTION
TYPE†
INITIALIZATION, INTERRUPT, AND RESET OPERATIONS (CONTINUED)
MP/MC
I
Microprocessor/microcomputer mode select. If active low at reset, microcomputer mode is selected, and the
internal program ROM is mapped into the upper 4K words of program memory space. If the pin is driven high
during reset, microprocessor mode is selected, and the on-chip ROM is removed from program space. This pin
is only sampled at reset, and the MP/MC bit of the processor mode status (PMST) register can override the mode
that is selected at reset.
MULTIPROCESSING SIGNALS
BIO
I
Branch control. A branch can be conditionally executed when BIO is active. If low, the processor executes the
conditional instruction. For the XC instruction, the BIO condition is sampled during the decode phase of the
pipeline; all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set low
by the RSBX XF instruction or by loading ST1. XF is used for signaling other processors in multiprocessor
configurations or used as a general-purpose output pin. XF goes into the high-impedance state when
EMU1/OFF is low, and is set high at reset.
MEMORY CONTROL SIGNALS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for accessing
a particular external memory space. Active period corresponds to valid address information. DS, PS, and IS are
placed into the high-impedance state in the hold mode; the signals also go into the high-impedance state when
EMU1/OFF is low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access to
data or program memory. MSTRB is placed in the high-impedance state in the hold mode; it also goes into the
high-impedance state when EMU1/OFF is low.
READY
I
Data ready. READY indicates that an external device is prepared for a bus transaction to be completed. If the
device is not ready (READY is low), the processor waits one cycle and checks READY again. Note that the
processor performs ready detection if at least two software wait states are programmed. The READY signal is
not sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device. R/W is normally
in the read mode (high), unless it is asserted low when the DSP performs a write operation. R/W is placed in
the high-impedance state in hold mode; it also goes into the high-impedance state when EMU1/OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low-level asserted to indicate an external bus access to an I/O
device. IOSTRB is placed in the high-impedance state in the hold mode; it also goes into the high-impedance
state when EMU1/OFF is low.
HOLD
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When acknowledged by the
’C54x, these lines go into the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates that the ’UC5402 is in a hold state and that the address, data, and control
lines are in the high-impedance state, allowing the external memory interface to be accessed by other devices.
HOLDA also goes into the high-impedance state when EMU1/OFF is low.
MSC
O/Z
Microstate complete. MSC indicates completion of all software wait states. When two or more software wait
states are enabled, the MSC pin goes active at the beginning of the first software wait state and goes inactive
high at the beginning of the last software wait state. If connected to the READY input, MSC forces one external
wait state after the last internal wait state is completed. MSC also goes into the high-impedance state when
EMU1/OFF is low.
IAQ
O/Z
Instruction acquisition signal. IAQ is asserted (active low) when there is an instruction address on the address
bus. IAQ goes into the high-impedance state whenOFF EMU1/OFF is low.
PLL/TIMER SIGNALS
CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine cycle
is bounded by the rising edges of this signal. CLKOUT also goes into the high-impedance state when EMU1/OFF
is low.
† I = input, O = output, Z = high impedance, S = supply
‡ If an external clock source is used, the CLKIN signal level should not exceed 1.98 V.


Similar Part No. - TMS320UC5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320UC5402 TI1-TMS320UC5402 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
TMS320UC5402GGU-80 TI1-TMS320UC5402GGU-80 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
TMS320UC5402PGE-80 TI1-TMS320UC5402PGE-80 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
TMS320UC5402ZGU-80 TI1-TMS320UC5402ZGU-80 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
TMS320UC5402 TI1-TMS320UC5402_09 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - TMS320UC5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com