Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5402GGU Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320UC5402GGU
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402GGU Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320UC5402GGU Datasheet HTML 6Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 7Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 8Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 9Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 10Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 11Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 12Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 13Page - Texas Instruments TMS320UC5402GGU Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
memory
The ’UC5402 device provides both on-chip ROM and RAM memories to aid in system performance and
integration.
on-chip ROM with bootloader
The ’UC5402 features a 4K-word
× 16-bit on-chip maskable ROM. Customers can arrange to have the ROM
of the ’UC5402 programmed with contents unique to any particular application. A security option is available
to protect a custom ROM. This security option is described in the
TMS320C54x DSP CPU and Peripherals
Reference Set, Volume 1 (literature number SPRU131). Note that only the ROM security option, and not the
ROM/RAM option, is available on the ’UC5402 .
A bootloader is available in the standard ’UC5402 on-chip ROM. This bootloader can be used to automatically
transfer user code from an external source to anywhere in the program memory at power up. If the MP/MC pin
is sampled low during a hardware reset, execution begins at location FF80h of the on-chip ROM. This location
contains a branch instruction to the start of the bootloader program. The standard ’UC5402 bootloader provides
different ways to download the code to accomodate various system requirements:
D Parallel from 8-bit or 16-bit-wide EPROM
D Parallel from I/O space 8-bit or 16-bit mode
D Serial boot from serial ports 8-bit or 16-bit mode
D Host-port interface boot
The standard on-chip ROM layout is shown in Table 1.
Table 1. Standard On-Chip ROM Layout
ADDRESS RANGE
DESCRIPTION
F000h – F7FFh
Reserved
F800h – FBFFh
Bootloader
FC00h – FCFFh
µ-law expansion table
FD00h – FDFFh
A-law expansion table
FE00h – FEFFh
Sine look-up table
FF00h – FF7Fh
Reserved
FF80h – FFFFh
Interrupt vector table
† In the ’UC5402 ROM, 128 words are reserved for factory device-testing purposes. Application
code to be implemented in on-chip ROM must reserve these 128 words at addresses
FF00h–FF7Fh in program space.
on-chip RAM
The ’UC5402 device contains 16K
× 16-bit of on-chip dual-access RAM (DARAM). The DARAM is composed
of two blocks of 8K words each. Each block in the DARAM can support two reads in one cycle, or a read and
a write in one cycle. The DARAM is located in the address range 0080h–3FFFh in data space, and can be
mapped into program/data space by setting the OVLY bit to 1.


Similar Part No. - TMS320UC5402GGU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320UC5402GGU-80 TI1-TMS320UC5402GGU-80 Datasheet
1,001Kb / 77P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - TMS320UC5402GGU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com