Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP2-100-1001-F-BLK-LF Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CHP2-100-1001-F-BLK-LF
Description  Metal Glaze??Cylindrical Surface Mount Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CHP2-100-1001-F-BLK-LF Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CHP2-100-1001-F-BLK-LF Datasheet HTML 1Page - IRC - a TT electronics Company. CHP2-100-1001-F-BLK-LF Datasheet HTML 2Page - IRC - a TT electronics Company. CHP2-100-1001-F-BLK-LF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
IRC Type
Size Code
Industry
Footprint
Actual Size
Dimensions (Inches and (mm))
LW
C
CHP 1/8
B
1206
0.128 ± 0.007
(3.25 ± 0.18)
0.057 ± 0.006
(1.45 ± 0.15)
0.020 ± 0.010
(0.51 ± 0.25)
MRC 1/2
C
1206
0.128 ± 0.007
(3.25 ± 0.18)
0.063 ± 0.010
(1.60 ± 0.25)
0.020 ± 0.010
(0.51 ± 0.25)
CHP 1/2
D
2010
0.200 ± 0.010
(5.08 ± 0.25)
0.079 ± 0.006
(2.01 ± 0.15)
0.030 ± 0.010
(0.761 ± 0.25)
MRC 1
E
2010
0.200 ± 0.010
(5.08 ± 0.25)
0.105 ± 0.006
(2.67 ± 0.15)
0.040 ± 0.015
(1.02 ± 0.38)
CHP 1
F
2512
0.251 ± 0.010
(6.38 ± 0.25)
0.079 ± 0.006
(2.01 ± 0.15)
0.040 ± 0.010
(1.02 ± 0.25)
CHP 2
H
3610
0.367 ± 0.010
(9.32 ± 0.25)
0.105 ± 0.006
(2.67 ± 0.15)
0.050 ± 0.010
(1.27 ± 0.25)
Recommended Solder Pad Dimensions (Reflow):
Size
Code
Industry
Footprint
Dimensions (Inches and mm))
ABCD
E
F
B & C
1206
0.076
(1.93)
0.093
(2.36)
0.058
(1.47)
0.098
(2.49)
0.032
(0.81)
0.211
(5.36)
D
2010
0.111
(2.82)
0.126
(3.20)
0.096
(2.44)
0.152
(3.86)
0.040
(1.02)
0.318
(8.08)
E
2010
0.170
(4.32)
0.160
(4.06)
0.072
(1.83)
0.132
(3.35)
0.044
(1.12)
0.412
(10.46)
F
2512
0.121
(3.07)
0.126
(3.20)
0.127
(3.23)
0.183
(4.65)
0.040
(1.02)
0.369
(9.37)
H
3610
0.170
(4.32)
0.160
(4.06)
0.213
(5.41)
0.273
(6.93)
0.044
(1.12)
0.553
(14.05)
F
E
B
D
A
C
A
L
C
W
Metal Glaze™ Cylindrical
Surface Mount
Power Resistors
CHP Series Issue July 2009 Sheet 2 of 3


Similar Part No. - CHP2-100-1001-F-BLK-LF

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CHP2 WELWYN-CHP2 Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
TT Electronics.
CHP2 TTELEC-CHP2 Datasheet
456Kb / 4P
   Cylindrical High Power
logo
Vishay Siliconix
CHP2010K1001-DBT-999 VISHAY-CHP2010K1001-DBT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
CHP2010K1001-DFT-999 VISHAY-CHP2010K1001-DFT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
CHP2010K1001-DGT-999 VISHAY-CHP2010K1001-DGT-999 Datasheet
159Kb / 9P
   High Stability Resistor Chips (< 0.25 % at Pn at 70 °C during 1000 h) Thick Film Technology
01-Jan-2022
More results

Similar Description - CHP2-100-1001-F-BLK-LF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SMC1502203CLF7 IRCTT-SMC1502203CLF7 Datasheet
193Kb / 3P
   Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
   RI80 Metal Glaze Impulse Resistors
logo
IRC - a TT electronics ...
MMA0204501000DBLK IRCTT-MMA0204501000DBLK Datasheet
152Kb / 3P
   Metal Glaze General Purpose Surface Mount Power Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
   Metal Glaze High Power Density Surface Mount Power Resistor
logo
TT Electronics.
GS-3-100-2203-F TTELEC-GS-3-100-2203-F Datasheet
329Kb / 3P
   Thick Film Semi-Precision Metal Glaze??Power Resistors
logo
IRC - a TT electronics ...
GS-3501000FLFSLT IRCTT-GS-3501000FLFSLT Datasheet
176Kb / 3P
   Thick Film Semi-Precision Metal Glaze Power Resistors
GS-3501000F IRCTT-GS-3501000F Datasheet
682Kb / 2P
   Thick Film Semi-Precision Metal Glaze Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com