Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H08A05PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # H08A05PT
Description  HIGH EFFICIENCY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

H08A05PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  H08A05PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. H08A05PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive centertap
* Glass passivated chip junctions
* Low power loss
* Low forward voltage, high current capability
* High surge current capability
* Fast recovery times for high efficiency
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC TO-220A molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 1.81 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
H08A05PT
THRU
H08A60PT
TO-220A
CHENMKO ENTERPRISE CO.,LTD
HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE 50 - 600 Volts
CURRENT 8 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
1.50
1.25
1.00
10.0
uAmps
500
nS
Volts
Maximum Instantaneous Forward Voltage at 8.0A DC
Maximum DC reverse current
at rated DC blocking voltage per leg
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance ( NOTE 2 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
50
75
Maximum reverse recovery time ( NOTE 3 ) per leg
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
H08A20PT
200
140
200
300
210
300
H08A60PT
H08A50PT
H08A05PT
420
600
600
H08A40PT
350
500
500
H08A30PT
280
400
400
8.0
125
5.0
-65 to +150
Amps
oC / W
oC
50
35
50
H08A10PT
100
70
100
H08A15PT
150
105
150
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to case per leg mounted on heatsink
3. Reverse recovery test conditions : IF = 0.5 A, Ir = -1.0 A, Irr = -0.25 A.
4. Suffix " P " = Case Positive, Suffix " R " = Case Negative.
R JC
Typical Junction capacitance per leg ( NOTE 1 )
70
120
pF
CJ
TC = 25
oC
TC = 100
oC
TO-220A
Dimensions in inches and (millimeters)
.153 (3.9)
.413 (10.5)
.108
.051
.04MAX.
.374 (9.5)
(2.75)
(1.3)
(1.0)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.028 (0.7)
.020 (0.5)
.230 (5.8)
.187 (4.7)
.146 (3.7)
H08A20PT
H08A60PT
H08A50PT
H08A05PT
H08A40PT
H08A30PT
H08A10PT H08A15PT


Similar Part No. - H08A05PT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H08A05 MOSPEC-H08A05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(8A,50-200V)
More results

Similar Description - H08A05PT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
HER1001 GOOD-ARK-HER1001 Datasheet
145Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
HER301 GOOD-ARK-HER301 Datasheet
64Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Luguang Electr...
ERA38-04 LUGUANG-ERA38-04 Datasheet
202Kb / 2P
   High Efficiency Rectifier
logo
Diode Semiconductor Kor...
RN3ZZ DSK-RN3ZZ Datasheet
279Kb / 2P
   HIGH EFFICIENCY RECTIFIER
RU20AZ DSK-RU20AZ Datasheet
237Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Chenmko Enterprise Co. ...
MUR105PT CHENMKO-MUR105PT Datasheet
118Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Galaxy Semi-Conductor H...
RP1H BILIN-RP1H Datasheet
57Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
HER501 PFS-HER501 Datasheet
169Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
HER601-607 WINNERJOIN-HER601-607 Datasheet
99Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Jinan Jing Heng Electro...
HER201 JINGHENG-HER201 Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com