Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C10NL25 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C10NL25
Description  DIGITAL SIGNAL PROCESSORS
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C10NL25 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C10NL25 Datasheet HTML 7Page - Texas Instruments TMS320C10NL25 Datasheet HTML 8Page - Texas Instruments TMS320C10NL25 Datasheet HTML 9Page - Texas Instruments TMS320C10NL25 Datasheet HTML 10Page - Texas Instruments TMS320C10NL25 Datasheet HTML 11Page - Texas Instruments TMS320C10NL25 Datasheet HTML 12Page - Texas Instruments TMS320C10NL25 Datasheet HTML 13Page - Texas Instruments TMS320C10NL25 Datasheet HTML 14Page - Texas Instruments TMS320C10NL25 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 146 page
background image
Data (16)
Address (12)
144-Word RAM
1.5K-Word ROM
32-Bit ALU/ACC
Multiplier
Shifters
Interrupt
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A1/PA1
A0/PA0
MC/MP
RS
INT
CLKOUT
X1
X2/CLKIN
BIO
VSS
D8
D9
D10
D11
D12
D13
D14
D15
D7
D6
A2/PA2
A3
A4
A5
A6
A7
A8
MEN
DEN
WE
VCC
A9
A10
A11
D0
D1
D2
D3
D4
D5
TMS320C10
N/JD Package
CLKOUT
X1
X2/CLKIN
BIO
NC
VSS
D8
D9
D10
D11
D12
A7
A8
MEN
DEN
WE
VCC
A9
A10
A11
D0
D1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18 19 20 21 22 23 24 25 26 27 28
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
TMS320C10
FN/FZ Package
+5 V
GND
(Top View)
(Top View)
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C10, TMS320C10-14, TMS320C10-25
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
11
Key Features: TMS320C10
Instruction Cycle Timing
— 160-ns (TMS320C10-25)
— 200-ns (TMS32010)
— 280-ns (TMS320C10-14)
144 Words of On-Chip Data RAM
1.5K Words On-Chip Program ROM
External Memory Expansion up to 4K
Words at Full Speed
16 × 16-Bit Multiplier With 32-Bit Product
0 to 16-Bit Barrel Shifter
On-Chip Clock Oscillator
Device Packaging:
— 40-Pin DIP
— 44-Lead PLCC
Single 5-V Supply
Operating Free-Air Temperature Range
...0
°C to 70°C


Similar Part No. - TMS320C10NL25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C10NL25 TI1-TMS320C10NL25 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C10NL25 TI1-TMS320C10NL25 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C10NL25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com