Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCM36PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # HCM36PT
Description  HIGH EFFICIENCY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HCM36PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  HCM36PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HCM36PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( HCM31PT THRU HCM38PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE VOLTAGE, ( V )
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7 ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10 ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
10/20 nS/cm
LEAD TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
3.0
1.5
0.5
1.0
2.0
2.5
0
25
0
50 75 100 125 150 175
10
1.0
0.1
.01
.001
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
TJ =25
oC
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
5
10
20
50
100
120
100
80
60
40
20
0
50
10
HCM36PT~HCM38PT
HCM31PT~HCM35PT
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.1
1.0
10
100
1000
.01
0
20
40
60
80
100
120
140
TJ =25
oC
TJ =100
oC
TJ =125
oC


Similar Part No. - HCM36PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HCM ETC1-HCM Datasheet
44Kb / 4P
   High enerhy absorption cylinder, double acting/single rod type
logo
Hammond Manufacturing L...
HCM HAMMOND-HCM Datasheet
47Kb / 1P
   Etrie de retenue horizontal
logo
Mitsubishi Electric Sem...
HCM-1002-H MITSUBISHI-HCM-1002-H Datasheet
128Kb / 7P
   HIGH VOLTAGE IGBT MODULE TARGET SPECIFICATION
logo
Lanner All Rights Reser...
HCM-1030 LANNER-HCM-1030 Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
HCM-1030E LANNER-HCM-1030E Datasheet
397Kb / 1P
   100 GbE Switch Blade with Broadcom StrataXGS Tomahawk BCM56960
V6-2022,4,14
More results

Similar Description - HCM36PT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
UPL11PT CHENMKO-UPL11PT Datasheet
166Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11SPT CHENMKO-HSM11SPT Datasheet
111Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL41CTPT CHENMKO-HPL41CTPT Datasheet
177Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM11PT CHENMKO-HBM11PT Datasheet
106Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HBM31PT CHENMKO-HBM31PT Datasheet
105Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21PT CHENMKO-HPL21PT Datasheet
151Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL31PT CHENMKO-HPL31PT Datasheet
154Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM21PT CHENMKO-HSM21PT Datasheet
87Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HPL21CTPT CHENMKO-HPL21CTPT Datasheet
184Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
HSM11PT CHENMKO-HSM11PT Datasheet
88Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com