Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3473BDW Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS3473BDW
Description  PARALLEL DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3473BDW Datasheet(HTML) 4 Page - Texas Instruments

  TMS3473BDW Datasheet HTML 1Page - Texas Instruments TMS3473BDW Datasheet HTML 2Page - Texas Instruments TMS3473BDW Datasheet HTML 3Page - Texas Instruments TMS3473BDW Datasheet HTML 4Page - Texas Instruments TMS3473BDW Datasheet HTML 5Page - Texas Instruments TMS3473BDW Datasheet HTML 6Page - Texas Instruments TMS3473BDW Datasheet HTML 7Page - Texas Instruments TMS3473BDW Datasheet HTML 8Page - Texas Instruments TMS3473BDW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TMS3473B
PARALLEL DRIVER
SOCS022B – NOVEMBER 1990
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Positive supply voltage, VCC (see Note 1)
4.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative supply voltage, VSS (see Note 2)
–11.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive ABG supply voltage, VABG+
5.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative ABG supply voltage, VABG–
–8 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ABG supply voltage differential (VABG+ – VSS)
15.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation at (or below), TA ≤ 25°C:
Unmounted device (see Figure 3)
825 mW
. . . . . . . . . . . . . .
Mounted device (see Figure 3)
1150 mW
. . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–20
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, TSTG
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
voltage levels only.
0
1020
3040
50
60
70
0
500
1000
1500
TA – Free-Air Temperature – °C
Mounted Device
(see Note A)
Unmounted Device
POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
100
200
300
400
600
700
800
900
1100
1200
1300
1400
Figure 3
NOTE A: The mounted-device derating curve in Figure 3 is obtained under the following conditions:
The board is 50 mm by 50 mm by 1.6 mm thick.
The board material is glass epoxy.
The copper thickness of all the etch runs is 35 microns.
Etch run dimensions – DW package – All 20 etch runs are 0.4 mm by 22 mm.
Each chip is soldered to the board.
An aluminum cooling fin 10 mm by 10 mm by 1 mm thick is coupled to the chip with thermal paste.


Similar Part No. - TMS3473BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3473BDW TI-TMS3473BDW Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
282Kb / 18P
[Old version datasheet]   780- 횞 488-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results

Similar Description - TMS3473BDW

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
   Parallel White-LED Driver
logo
Rohm
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
   Serial-Parallel 3-input Driver
logo
Toshiba Semiconductor
TD62824P TOSHIBA-TD62824P Datasheet
272Kb / 7P
   8x3 PARALLEL SHIFT REGISTER/DRIVER
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007_15 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
logo
Intel Corporation
M8216 INTEL-M8216 Datasheet
111Kb / 2P
   4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com