Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL245PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # LL245PT
Description  FAST SWITCHING DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

LL245PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  LL245PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. LL245PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* Power dissipation: 300mW
* Repetitive peak forward current: 625mA
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC Mini Melf molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
MECHANICAL DATA
LL245PT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
FAST SWITCHING DIODE
VOLTAGE RANGE 250 Volts
CURRENT 200 mAmpere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2003-5
Maximum Average Reverse Current
at Ratied DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
1.25
1.50
@ TA = 25
oC
@ IF = 100 mA
@ IF = 200 mA
@ TJ = 100
oC
10
200
uAmps
uAmps
Volts
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL = 100
oC
Non-Repetitive Peak Forward Surge Current
Typic Junction Capacitance (Note 2)
Maximum Reverse Recovery Time (Note 3)
SYMBOL
VRRM
VRMS
VDC
IO
CJ
Volts
Maximum Instantaneous Forward Voltage
VF
IR
IFSM
LL245PT
UNITS
Volts
Volts
Volts
mAmps
200
4.0
1.0
@ t=1.0uS
@ t=1.0S
3.0
75
Amps
pF
nS
Typical Thermal Resistance (Note 1)
Storage and Operating Temperature Range
TJ, TSTG
625
-65 to +175
oC / W
oC
250
LL245PT
141
200
TRR
R JA
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.06 X 0.06" ( 0.15X 0.15mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 0 volt.
3. IF=IR=20 mA, IRR=0.1XIR, RL=50 ohms
Dimensions in millimeters
0.1
+0.2
1.5Max.
0.4
0.4
3.4
CATHODE BAND
Mini-Melf
CIRCUIT
(2)
(1)
(2)
(1)


Similar Part No. - LL245PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL245 ETC1-LL245 Datasheet
396Kb / 2P
   High-voltage switching diode
logo
Texas Instruments
LL245A TI-LL245A Datasheet
487Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - LL245PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com