Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370C256A Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370C256A
Description  8-BIT MICROCONTROLLER
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370C256A Datasheet(HTML) 4 Page - Texas Instruments

  TMS370C256A Datasheet HTML 1Page - Texas Instruments TMS370C256A Datasheet HTML 2Page - Texas Instruments TMS370C256A Datasheet HTML 3Page - Texas Instruments TMS370C256A Datasheet HTML 4Page - Texas Instruments TMS370C256A Datasheet HTML 5Page - Texas Instruments TMS370C256A Datasheet HTML 6Page - Texas Instruments TMS370C256A Datasheet HTML 7Page - Texas Instruments TMS370C256A Datasheet HTML 8Page - Texas Instruments TMS370C256A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
TMS370Cx5x
8-BIT MICROCONTROLLER
SPNS010F – DECEMBER 1986 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram
Program Memory
ROM: 4K, 8K, 12K, 16K,
32K, or 48K Bytes
EPROM: 16K, 32K, or
48K Bytes
VSS1
VCC1
RESET
MC
XTAL2/
CLKIN
XTAL1
INT3
INT2
INT1
E0 – E7
or
AN0 – AN7
VCC2
VSS2
Data EEPROM
0, 256, or 512 Bytes
RAM
256, 512, 1K, 1.5K, or
3.5K Bytes
CPU
Port D†
Port C
Port B
Watchdog
Timer 1
Timer 2A
Serial
Communications
Interface 1
Serial
Peripheral
Interface
Analog-to-Digital
Converter 1
System Control
Clock Options:
Divide-by-4 or
Divide-by-1(PLL)
T1PWM
T1EVT
T1IC / CR
T2AIC2 / PWM
T2AEVT
T2AIC1 / CR
SCICLK
SCITXD
SCIRXD
SPICLK
SPISIMO
SPISOMI
VSS3
VCC3
Port A
Interrupts
8/6
8
8
8
Memory Expansion
† For the 64-pin devices, there are only six pins for port D.
description
The TMS370Cx5x family of single-chip 8-bit microcontrollers provides cost-effective real-time system control
through integration of advanced peripheral function modules and various on-chip memory configurations. The
TMS370Cx5x family presently consists of twenty-one devices which are grouped into seven main sub-families:
the TMS370Cx50, TMS370Cx52, TMS370Cx53, TMS370Cx56, TMS370Cx58, TMS370Cx59, and
SE370C75x.
The TMS370Cx5x family of devices is implemented using high-performance silicon-gate CMOS EPROM and
EEPROM technologies. The low-operating power, wide-operating temperature range, and noise immunity of
CMOS technology, coupled with the high performance and extensive on-chip peripheral functions, make the
TMS370Cx5x devices attractive in system designs for automotive electronics, industrial motor control,
computer peripheral control, telecommunications, and consumer application. Table 2 provides a memory
configuration overview of the TMS370Cx5x devices.


Similar Part No. - TMS370C256A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS370C256A TI1-TMS370C256A Datasheet
1Mb / 75P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C256AFNT TI1-TMS370C256AFNT Datasheet
1Mb / 75P
[Old version datasheet]   8-BIT MICROCONTROLLER
TMS370C256AYYZ TI-TMS370C256AYYZ Datasheet
930Kb / 78P
[Old version datasheet]   TMS370 MICROCONTROLLER FAMILY DATA BOOK
More results

Similar Description - TMS370C256A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com