Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2A-6D2415H Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TA2A-6D2415H
Description  DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 5-6 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TA2A-6D2415H Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TA2A-6D2415H Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OUTPUT
POWER
*MODEL NUMBER
OUTPUT
CURRENT
OUTPUT
VOLTAGE
TA2A-3S483.3H
TA2A-5S4805H
TA2A-6S4812H
TA2A-6S4815H
TA2A-5D4805H
TA2A-6D4812H
TA2A-6D4815H
TA2A-3S123.3H
TA2A-5S1205H
TA2A-6S1212H
TA2A-6S1215H
TA2A-5D1205H
TA2A-6D1212H
TA2A-6D1215H
TA2A-3S243.3H
TA2A-5S2405H
TA2A-6S2412H
TA2A-6S2415H
TA2A-5D2405H
TA2A-6D2412H
TA2A-6D2415H
9-18 VDC IN
18-36 VDC IN
36-72 VDC IN
3.3W
5W
5.6W
6W
5W
5.6W
5.7W
1000 mA
1000 mA
470 mA
400 mA
±500 mA
±230 mA
±190 mA
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage....................................................See Table
Nominal Input...........................................12, 24, 48 VDC
Input Filter........................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Voltage Balance, Balance Load......................±1%, Max.
Line Regulation.............................................±0.5%, Max.
Load Regulation, Single (10%FL-FL)...........±0.5%, Max.
Dual (25%FL-FL).................±1%, Max.
Ripple and Noise, 20MHz BW, 5V/3.3V...100mVp-p, Max.
12V/15V.......1% p-p, Max.
Short Circuit Protection..................................Continuous
Temperature Coefficient.........................±0.05%/C, Max.
GENERAL SPECIFICATIONS
Efficiency............................................................76 - 82%
Isolation Voltage, Input to Output, "-H".....3,000 VDC, Min.
"-M"....1,500 VDC, Min.
Isolation Resistance.................................109 Ohms, Min.
Switching Frequency...........................................100 kHz
Operating Ambient Temperature.............-25°C to +71°C
Storage Temperature Range.................-40°C to +125°C
Cooling.............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>1,000k Hours
Safety Standard..............................Approved to UL 1950
Conducted EMI....Meets FCC Class A, EN55022 Class A
Weight.................................................0.4 oz. (12 grams)
Case Material, "-H"............Non-Conductive Black Plastic
"-M".......Metal with Non-Conductive Base
PIN
2,3
9
10
11
14
15
16
22,23
SINGLE
PIN CONNECTIONS
DUAL
-V Input
Common
*NC
-V Output
+V Output
*NC
Common
+V Input
-V Input
*NC
*NC
*NC
+V Output
*NC
-V Output
+V Input
0.12 MIN.
(3.0)
0.80
(20.3)
0.60
(15.2)
16
15
14
9
10
11
BOTTOM
VIEW
0.18
(4.6)
0.10
(2.5)
1.25
(31.8)
PIN SIZE: 0.02 (0.5) DIA.
ALL DIMENSIONS IN INCHES (mm)
*For 1,500 VDC isolation in a metal case, replace 'H" with 'M", e g. TA2A-5S4805M.
2
3
23
22
Rev. A
-01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
0.40
(10.2)
TRUMPower
DC/DC CONVERTERS
UL Listed
TA2A Series
2:1 Input, 24-pin DIP, 5-6 Watt
T
*NC: No Connection with pin


Similar Part No. - TA2A-6D2415H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TA2A-6D2415H TRUMPOWER-TA2A-6D2415H Datasheet
35Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TA2A-6D2415H

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TA2-4S123.3 TRUMPOWER-TA2-4S123.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
TA2W-4S243.3 TRUMPOWER-TA2W-4S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 4-6 Watt
TAW-3S243.3 TRUMPOWER-TAW-3S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 1.5-3 Watt
logo
CINCON ELECTRONICS Corp...
EC4A CINCON-EC4A Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A01HM ETC2-EC4A01HM Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TA2S-3S123.3 TRUMPOWER-TA2S-3S123.3 Datasheet
68Kb / 1P
   DC/DC CONVERTERS SMD, 2:1 Input, 5-6 Watt
logo
CINCON ELECTRONICS Corp...
EC4AB CINCON-EC4AB Datasheet
215Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
EC4A-E CINCON-EC4A-E Datasheet
257Kb / 2P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC4A14HMS ETC2-EC4A14HMS Datasheet
187Kb / 3P
   5-6 WATT 2:1 INPUT RANGE DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TDW-5S2405 TRUMPOWER-TDW-5S2405 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 5-6 Watt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com