Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3056BDW Datasheet(PDF) 10 Page - Texas Instruments

Part # TP3056BDW
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3056BDW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TP3056BDW Datasheet HTML 6Page - Texas Instruments TP3056BDW Datasheet HTML 7Page - Texas Instruments TP3056BDW Datasheet HTML 8Page - Texas Instruments TP3056BDW Datasheet HTML 9Page - Texas Instruments TP3056BDW Datasheet HTML 10Page - Texas Instruments TP3056BDW Datasheet HTML 11Page - Texas Instruments TP3056BDW Datasheet HTML 12Page - Texas Instruments TP3056BDW Datasheet HTML 13Page - Texas Instruments TP3056BDW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TP3056B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SLWS072A – MAY 1998 – REVISED AUGUST 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of operating conditions (see Figures 1 and 2)
MIN
NOM
MAX
UNIT
fclock(M) Frequency of master clock
MCLK
2.048
MHz
fclock(B)
Frequency of bit clock, transmit
BCLK
64
2048
kHz
tw1
Pulse duration, MCLK high
160
ns
tw2
Pulse duration, MCLK low
160
ns
tr1
Rise time of master clock (20% to 80%)
MCLK
50
ns
tf1
Fall time of master clock (80% to 20%)
MCLK
50
ns
tr2
Rise time of bit clock (20% to 80%), transmit
BCLK
50
ns
tf2
Fall time of bit clock (80% to 20%), transmit
BCLK
50
ns
tsu1
Setup time, BCLK high (and FSX in long-frame sync mode) before MCLK
↓ (first bit clock after
the leading edge of FSX)
100
ns
tw3
Pulse duration, BCLK high, VIH = 2.2 V
160
ns
tw4
Pulse duration, BCLK low, VIL = 0.6 V
160
ns
th1
Hold time, FSX or FSR low after BCLK low (long frame only)
0
ns
th2
Hold time, BCLK high after FSX or FSR
↑ (short frame only)
0
ns
tsu2
Setup time, FSX or FSR high before BCLK
↓ (long frame only)
80
ns
tsu3
Setup time, DR valid before BCLK
50
ns
th3
Hold time, DR valid after BCLK
50
ns
tsu4
Setup time, FSX or FSR high before BCLK
↓, short-frame sync pulse (1 or 2
bit-clock periods long) (see Note 7)
50
ns
th4
Hold time, FSX or FSR high after BCLK
↓, short-frame sync pulse (1 or 2
bit-clock periods long) (see Note 7)
100
ns
th5
Hold time, FSX or FSR high after BCLK
↓, long-frame sync pulse (from 3 to 8 bit-clock periods
long)
100
ns
tw5
Minimum pulse duration of FSX or FSR (frame sync pulse — low level), 64-kbps operating mode
160
ns
NOTE 7: For short-frame sync timing, FSR and FSX must go high while their respective bit clocks are high.
switching characteristics over recommended ranges of operating conditions (see Figures 1
and 2)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td1
Delay time, BCLK high to data valid at DX
Load = 150 pF plus 2 LSTTL loads†
0
140
ns
td2
Delay time, BCLK high to TSX low
Load = 150 pF plus 2 LSTTL loads†
140
ns
td3
Delay time, BCLK (or 8 clock FSX in long frame only) low to
data output (DX) disabled
50
165
ns
td4
Delay time, FSX or BCLK high to data valid at DX (long frame
only)
CL = 0 pF to 150 pF
20
165
ns
† Nominal input value for an LSTTL load is 18 k
Ω.


Similar Part No. - TP3056BDW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TP3056 NSC-TP3056 Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
TP3056J NSC-TP3056J Datasheet
414Kb / 10P
   PARALLEL INTERFACE CODEC/FILTER COMBO
More results

Similar Description - TP3056BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com