Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM37PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SCM37PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SCM37PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SCM37PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SCM37PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Metal silicon junction, majority carrier conduction
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMC molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce 0.25 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SCM37PT
THRU
SCM310PT
SMC
SMC
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 70 - 100 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-5
Maximum Average Reverse Current (Note 1)
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
0.75
0.80
@ TA = 25
oC
@ TA = 100
oC
0.5
20
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC (Note 1)
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TL (SEE FIG.1)(Note 3)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 3)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
IR
TJ,TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
SCM37PT
70
49
70
SCM39PT
90
63
90
SCM310PT
70
100
100
3.0
100
250
15
-65 to +150
Amps
pF
oC / W
oC
SCM38PT
80
56
80
R JL
1. Pulse test : 300 us pulse width, 1% duty cycle
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
3. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
0.245(6.22)
0.220(5.59)
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.008(0.203)(max)
0.006(0.152)
0.280(7.11)
0.260(6.60)
0.125(3.17)
0.115(2.92)
0.320(8.13)
0.305(7.75)
(1)
(2)
SCM37PT
SCM39PT
SCM310PT
SCM38PT


Similar Part No. - SCM37PT

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM30F-101-RC ALLIED-SCM30F-101-RC Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM30F-510-RC ALLIED-SCM30F-510-RC Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
   SMD Wirewound Common Mode Filter
SCM30S-601T-RC ALLIED-SCM30S-601T-RC Datasheet
1Mb / 1P
   SMD Wirewound Common Mode Filter
More results

Similar Description - SCM37PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com