Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0202PWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0202PWP
Description  2-W STEREO AUDIO POWER AMPLIFIER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0202PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPA0202PWP Datasheet HTML 1Page - Texas Instruments TPA0202PWP Datasheet HTML 2Page - Texas Instruments TPA0202PWP Datasheet HTML 3Page - Texas Instruments TPA0202PWP Datasheet HTML 4Page - Texas Instruments TPA0202PWP Datasheet HTML 5Page - Texas Instruments TPA0202PWP Datasheet HTML 6Page - Texas Instruments TPA0202PWP Datasheet HTML 7Page - Texas Instruments TPA0202PWP Datasheet HTML 8Page - Texas Instruments TPA0202PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
TPA0202
2-W STEREO AUDIO POWER AMPLIFIER
SLOS205A – FEBRUARY 1998 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description
The TPA0202 is a stereo audio power amplifier in a 24-pin TSSOP thermal package capable of delivering
greater than 2 W of continuous RMS power per channel into 3-
Ω loads. The TPA0202 simplifies design and frees
up board space for other features. Full power distortion levels of less than 0.1% THD+N from a 5-V supply are
typical. Low-voltage applications are also well served by the TPA0202 providing 800-mW per channel into 3-
loads with a 3.3-V supply voltage.
The TPA0202 has integrated depop circuitry that virtually eliminates transients that cause noise in the speakers
during power up and when using the mute and shutdown modes.
Amplifier gain is externally configured by means of two resistors per input channel and does not require external
compensation for settings of 2 to 20 in BTL mode (1 to 10 in SE mode). An internal input MUX allows two sets
of stereo inputs to the amplifier. In notebook applications, where internal speakers are driven as BTL and the
line (often headphone drive) outputs are required to be SE, the TPA0202 automatically switches into SE mode
when the SE/BTL input is activated. Using the TPA0202 to drive line outputs up to 700 mW/channel into external
3-
Ω loads is ideal for small non-powered external speakers in portable multimedia systems. The TPA0202 also
features a shutdown function for power sensitive applications, holding the supply current at 5
µA.
The PowerPAD package(PWP) delivers a level of thermal performance that was previously achievable only
in TO-220-type packages. Thermal impedances of approximately 35
°C/W are readily realized in multilayer PCB
applications. This allows the TPA0202 to operate at full power into 3-
Ω loads at ambient temperature of up to
85
°C with 300 CFM of forced-air cooling. Into 8-Ω loads, the operating ambient temperature increases to 100°C.
AVAILABLE OPTIONS
PACKAGE
TA
TSSOP‡
(PWP)
–40
°C to 85°C
TPA0202PWP
‡ The PWP packages are available taped and reeled. To order a taped
and reeled part, add the suffix R (e.g., TPA0202PWPR).
† See Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report (Literature Number SLMA002) for more
information on the PowerPAD package.


Similar Part No. - TPA0202PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0202PWP TI1-TPA0202PWP Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWPG4 TI1-TPA0202PWPG4 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWPR TI1-TPA0202PWPR Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0202PWP

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com