Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3WR-15D2405 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TD3WR-15D2405
Description  DC/DC CONVERTERS 4:1 Input, 15 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD3WR-15D2405 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD3WR-15D2405 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
-01/2008-
OUTPUT
CURRENT
OUTPUT
POWER
18-72 VDC IN
9-36 VDC IN
TD3WR-10S243.3
TD3WR-15S2405
TD3WR-15S2412
TD3WR-15S2415
TD3WR-15D2405
TD3WR-15D2415
TD3WR-15D2415
TD3WR-15T240512
TD3WR-15T240515
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5/±12 VDC
5/±15 VDC
TD3WR Series
4:1 Input, 15 Watt
Tumbler Technologies+TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
3000 mA
3000 mA
1250 mA
1000 mA
±1500 mA
±625 mA
±500 mA
1500/±310 mA
1500/±250 mA
9.9W
15W
15W
15W
15W
15W
15W
15W
15W
TD3WR-10S483.3
TD3WR-15S4805
TD3WR-15S4812
TD3WR-15S4815
TD3WR-15D4805
TD3WR-15D4812
TD3WR-15D4815
TD3WR-15T480512
TD3WR-15T480515
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and
Full Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-36V Input................................24 VDC
18-72V Input..............................48 VDC
Input Filter........................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy, Single..............................±1%, Max.
Dual +Output...................±1%, Max.
-Output....................±3%, Max.
Triple, 5V.........................±2%, Max.
12V/15V................±3%, Max.
Voltage Balance, Dual...................................±1%, Max.
External Trim Adjustment Range..........................±10%
Line Regulation, Single/Dual, HL-LL...........±0.2%, Max.
Triple, HL-LL......................±1%, Max.
Load Regulation, Single/Dual, 25%FL-FL.......±1%, Max.
Triple, 25%FL-FL...............±5%, Max.
Transient Response..............................500 mSec, Max.
Ripple and Noise, 20MHz BW................75mVp-p, Max.
Short Circuit Protection...............................Continuous
.
GENERAL SPECIFICATIONS
Efficiency.....................................................76% - 82%
Isolation Voltage, Input to Output............500 VDC, Min.
Switching Frequency.................................300KHz, Min.
Operating Temperature Range...............-25°C to +71°C
Storage Temperature Range................-55°C to +105°C
Case Temperature......................................100°C, Max.
Cooling..........................................Free-Air Convection
EMI/RFI............................Six-Sided Continuous Shield
Case Material..............Metal with Non-Conductive Base
8
7
6
5
• • • •
4 3 2 1
0.40
(10.2)
0.90
(22.9)
0.20
(5.1)
0.22
(5.6)
BOTTOM
VIEW
0.40
(10.2)
1.80
(45.7)
2.00
(50.8)
PIN SIZE: 0.04 INCH (1.0 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
REMOTE ON/OFF CONTROL
Logic Compatibility
Ec-ON
Ec-OFF
Shutdown Idle Current
Input Resistance
Control Common
PIN
PIN CONNECTIONS
SINGLE
TRIPLE
DUAL
Remote On/Off Control
No Pin
-Vin
+Vin
Trim
-Vout
+Vout
No Pin
1
2
3
4
5
6
7
8
No Pin
-Vin
+Vin
Trim
-Vout
Common
+Vout
No Pin
-Vin
+Vin
-Aux.Out
Common
+5V Out
+Aux.Out
CMOS or Open Collector TTL
>+5.5 VDC or Open Circuit
<1.8 VDC
10 mA
>100K ohms (Ein 0 VDC to 9 VDC)
Referenced to Input Minus
2.00
(50.8)
TRUMPower
DC/DC CONVERTERS
T


Similar Part No. - TD3WR-15D2405

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TD3WR-15D2405 TRUMPOWER-TD3WR-15D2405 Datasheet
24Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TD3WR-15D2405

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5C CINCON-EC5C Datasheet
210Kb / 2P
   15 WATT 4:1 INPUT DC-DC CONVERTERS
EC8AW CINCON-EC8AW Datasheet
204Kb / 2P
   15 WATT 4:1 INPUT RANGE DC-DC CONVERTERS
logo
List of Unclassifed Man...
EC5BW-48S15 ETC2-EC5BW-48S15 Datasheet
107Kb / 2P
   EC5BW SERIES 15 WATT 4 1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TC6-15S123.3 TRUMPOWER-TC6-15S123.3 Datasheet
23Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
logo
List of Unclassifed Man...
EC5BU-12S05 ETC2-EC5BU-12S05 Datasheet
298Kb / 3P
   15 WATT 2 1 INPUT DC-DC CONVERTERS
logo
CINCON ELECTRONICS Corp...
EC3SB CINCON-EC3SB Datasheet
208Kb / 2P
   15 WATT 2:1 INPUT DC-DC CONVERTERS
logo
Tumbler Technologies + ...
TD3-10S123.3 TRUMPOWER-TD3-10S123.3 Datasheet
27Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 15 Watt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com