Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD110-S15 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TD110-S15
Description  110 WATT DC/DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD110-S15 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TD110-S15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TD110-S15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TD110-S15 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DC/DC CONVERTERS
TD110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output #1
Output #2 (1)
Output #3
Output #4
Output
Product # (3)
Vnom.
Imin.
Imax. Tol.
Vnom. Imin. Imax.
Ipeak Tol.
Vnom. Imin. Imax. Tol.
Vnom.
Imin.
Imax.
Tol.
Power (2)
TD110-S05
5V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
TD110-S12
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
TD110-S15
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
TD110-S24
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
TD110-S30
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
TD110-D23
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
TD110-T31
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
(N/A)
110W
TD110-T32
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
(N/A)
110W
TD110-Q40
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
-5V
0A
1A
4%
110W
TD110-Q41
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
+24V
0A
1A
4%
110W
TD110-Q42
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TD110-Q45-1
+5V
0.8A
10A
3%
+12V
0A
5A
9.0A
3%
-12V
0A
1A
4%
+24V
0A
1.5A
10%
110W
TD110-Q45-2
+5V
0.8A
10A
3%
+24V
0A
3A
5.0A
3%
-12V
0A
1A
4%
+12V
0A
1A
4%
110W
TD110-Q46
+5V
0.8A
10A
3%
+15V
0A
4A
7.5A
3%
-15V
0A
1A
4%
-5V
0A
1A
4%
110W
Notes: (1) Peak output current with 10% maximum duty cycle for less than 60 seconds.
(2) TD110”M” & “H” series are suitable only for 110 watts maximum at 20 CFM forced air cooling or 80 watts maximum at
convection cooling. TD110”L” series are suitable only for 90 watts maximum at 20 CFM forced air cooling or 70 watts
maximum at convection cooling.
(3) Suffix codes for input range, mechanical format and connector are as follows. TD110-X1X2X3X4X5, “X1X2” is the model
code from the above table, “X3” is the input range (L=10-20 VDC, M=18-36 VDC, H=36-72 VDC),
“X4” is the mechanical
format (Blank=PCB, B=L-bracket, C=enclosed) and “X5” is the input and output connector code (Blank=Molex KK type,
T=miniature terminal block), e.g. TD110-31MCT (18-36 VDC input range, enclosed format and miniature terminal blocks).
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Molex KK type connectors:
Input connector mates with Molex housing
09-50-3051 and Molex 2878 series crimp
terminal.
Output connector mates with Molex housing
09-50-3131 and Molex 2878 series crimp
terminal.
4.
Miniature terminal blocks:
Input terminals allow wires up to 2mm
2 (AWG
#14).
Output terminals allow wires up to 2mm
2 (AWG
#14).
5.
Weight: 640grams (PCB format)
6.
Refer to the last page for mechanical details on
L-bracket and enclosed formats.
PIN CHART
1
2
3
4
5
6
1,2,3
4,5
6,7
8,9
10
11
12
13
TD110-S05
TD110-S15
TD110-S30
TD110-12
TD110-24
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
N.C.
N.C.
KEY
N.C.
TD110-D23
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
N.C.
KEY
N.C.
TD110-T31
TD110-T32
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
OUTPUT
#3
KEY
N.C.
TD110-Q40
TD110-Q42
TD110-Q45-2
TD110-Q41
TD110-Q45-1
TD110-Q46
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
N.C.
OUTPUT
#3
KEY
OUTPUT
#4
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
MINI. TERMINAL
MOLEX
CONNECTOR
PRODUCT
NO.


Similar Part No. - TD110-S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD1100 ETC1-TD1100 Datasheet
43Kb / 1P
   Crystal Clock Oscillators
TD1100C ETC1-TD1100C Datasheet
43Kb / 1P
   Crystal Clock Oscillators
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
   SERIES TD SWITCHES
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
   DETECTOR SWITCHES
TD1105B E-SWITCH-TD1105B Datasheet
274Kb / 2P
   DETECTOR SWITCHES
More results

Similar Description - TD110-S15

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com