Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD110-T32 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TD110-T32
Description  110 WATT DC/DC CONVERTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TD110-T32 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TD110-T32 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TD110-T32 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TD110-T32 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DE S C RI PT IO N
The TD110 series of DC/DC converters provide up to 110
watts of
continuous output power.
Available
in
three
standard input range of 10-20 VDC, 18-36 VDC and 36-72
VDC, they are ideal for a variety of applications including
telecoms,
portable
equipment
and
vehicle
mounted
instrumentation. All units are available in compact “open
PCB” or “enclosed” mechanical formats.
FE AT URE S
‧ Lo w c o st
‧ S m all siz e , li ght w e i g ht
‧ 10 0 ﹪ bu r n -i n
‧ O v erv olt a ge p r ot ect io n
‧ Over cu rr ent pr ot ecti o n
‧ Thr ee w i de i n put ran g e s :
10-20 VDC, 18-36 VDC and 36-72 VDC
TD110 SERIES
I N PU T SP EC IF ICAT ION S
Input voltage :
10 t o 20 VDC ( TD11 0 “ L ” series )
18 t o 36 VDC( TD1 1 0 “ M ” series )
36 t o 72 VDC( TD1 1 0 “ H ” series )
Input cur r ent :
15 A for 1 2 VD C
9 . 4A f o r 24 VDC
4 . 7A f o r 48 VDC
ENVIR O NM ENTA L SPEC IFICAT IONS
Operatin g te mperatur e :
0 ℃ to +7 0 ℃
St or age tem p eratu r e :
-4 0 ℃ to + 8 5 ℃
Rela ti v e hum i dity :
5 ﹪ to 9 5 ﹪ non-co nd en sing
Deratin g :
Der a te fr om 100 ﹪ at + 5 0 ℃
line a rly to 50 ﹪ at + 7 0 ℃
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
110 watts maximum
Ripple and noise:
1﹪ peak to peak max.
Overvoltage protection:
set at 112-132﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪ /℃
maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering
to 1﹪ of final value within
500us after a 25﹪ step load
change
GENERAL SPECIFICATIONS
Switching frequency:
50KHz ±5KHz
Efficiency:
70﹪ minimum at full load
Line regulation:
±0.5﹪ maximum at full load
Withstand voltage:
1000VDC from input to output
MTBF:
400,000 hours minimum at full load
at 25℃ ambient, calculated per
MIL-HDBK-217F
TRUMPower
110 WATT DC/DC CONVERTERS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TD110-T32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD1100 ETC1-TD1100 Datasheet
43Kb / 1P
   Crystal Clock Oscillators
TD1100C ETC1-TD1100C Datasheet
43Kb / 1P
   Crystal Clock Oscillators
logo
E-SWITCH
TD1104 E-SWITCH-TD1104 Datasheet
274Kb / 2P
   SERIES TD SWITCHES
TD1105A E-SWITCH-TD1105A Datasheet
274Kb / 2P
   DETECTOR SWITCHES
TD1105B E-SWITCH-TD1105B Datasheet
274Kb / 2P
   DETECTOR SWITCHES
More results

Similar Description - TD110-T32

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PD110-10 TRUMPOWER-PD110-10 Datasheet
230Kb / 3P
   110 WATT DC TO DC CONVERTERS
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com