Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFC130-S5.1 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TFC130-S5.1
Description  PFC 130 WATT POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TFC130-S5.1 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TFC130-S5.1 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TFC130-S5.1 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
PFC 130 WATT POWER SUPPLIES
DESCRIPTION
The TFC130 series incorporates creative high
efficiency circuitry, high power density (6.94
Watts/in
3) and active Power Factor Correction
(PFC)
to
meet
the
requirements
of
data
networking, computing and telecommunication
systems.
FEATURES
‧ EN61000-3-2 class A and D compliant
‧ Power factor 0.98 typical
‧ Very compact size, 3
″×5″×1.2″
‧ Overvoltage protections
‧ Short circuit protections
‧ Remote sense
‧ Compliant with RoHS requirements
INPUT SPECIFICATIONS
Input voltage:
90 to 264VAC
Input frequency:
47 to 63Hz
Input current:
2.1A( rms) max. for 115VAC
1.1A( rms) max. for 230VAC
Earth leakage current: 0.3mA max. @ 115VAC, 60Hz
0.6mA max. @ 230VAC, 50Hz
Safety Standard Approvals:
OUTPUT SPECIFICATIONS
Output voltage/current: See Rating Chart
Ripple and noise:
2% peak to peak on 5.1V model
1% peak to peak on other
models.
Overvoltage protection: Provided on output set at
112–132% of its nominal output
voltage
Overcurrent protection: Protected to short circuit
conditions
Temperature coefficient:All outputs ± 0.04%/ºC maximum
Transient response:
Maximum excursion of 4% or
better on all models; recovering
to 1% of final value within 500µs
after a 25% step load change
ENVIRONMENTAL SPECIFICATIONS
Operating temperature: -10ºC to +60ºC
Storage temperature:
-40ºC to +85ºC
Relative humidity:
5% to 95% non-condensing
Derating:
Derate from 100% at +40ºC
linearly to 50% at +60ºC
Cooling:
10 CFM total forced air from two
40mm diameter fans or the like
is required and provided by user
GENERAL SPECIFICATIONS
Switching frequency: 110KHz ±15KHz
Power factor:
0.98 typical
Efficiency:
72% typical on 5.1V output,
76% typical on other outputs
Hold-up time:
15 msec minimum at 115VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
35 amps @ 115VAC or 70 amps
@ 230VAC at 25ºC cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
200,000 hours minimum
EMC Performance (EN55024)
EN55022:
Class B conducted, class A radiated
FCC Part 15
Class B conducted, class A radiated
VCCI:
Class B conducted, class A radiated
EN61000-3-2:
Harmonic distortion, class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±4KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ±1KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11:
Voltage dips, 30% reduction for 500ms
and >95% reduction for 10ms
TFC130 SERIES
(SINGLE OUTPUT)
UL 60950-1
CSA C22.2 No. 60950-1
TÜV EN60950-1
(LVD)
RoHS
(Touch current)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TFC130-S5.1

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130-D23 TRUMPOWER-TFC130-D23 Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
TFC130-D23-3 TRUMPOWER-TFC130-D23-3 Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
TFC130-D24 TRUMPOWER-TFC130-D24 Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
TFC130-D25 TRUMPOWER-TFC130-D25 Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
TFC130-F51-3 TRUMPOWER-TFC130-F51-3 Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
More results

Similar Description - TFC130-S5.1

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130M TRUMPOWER-TFC130M Datasheet
254Kb / 3P
   PFC 130 WATT POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
   130 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com