Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL820LLCTPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SPL820LLCTPT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SPL820LLCTPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SPL820LLCTPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SPL820LLCTPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPL820LLCTPT
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 Volts
CURRENT 8.0 Amperes
* Low Power Loss, High Efficiency
.
* DC to DC Converters
* Switch- Mode Power Supplies
* Low Reverse Current
* Peak F o r w ar d S u r g e C u r ren t I s 80A .
.
* Schottky Diode Ar ray .
* Notbook PC
PROVISIONAL SPEC.
* Sm al l S u r f ac e M o u n t i n g T y p e. (SMP)
SMP
APPLICATION
FEATURE
MARKING
WEIGHT
CIRCUIT
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
2004-8
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
0.30
@ TA = 25
oC
@ TA = 100
oC
1.0
20
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 4.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 1)
Storage Temperature Range
Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
SPL820LLCTPT
SPL820LLCTPT
UNITS
20
Volts
Volts
Volts
Amps
14
20
8.0
80
210
15
-65 to +125
-65 to +150
Amps
pF
oC / W
oC
oC
R JL
NOTES :
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
1. P.C.B. mounted 0.31 x 0.31" ( 8 x 8mm) copper pad areas
(3)
(2)
(1)
Di m ens i ons i n inches and (m ill i m eter s)
SMP
0.005 (0.15 Min.)
0.077 (1.95)
0.073 (1.85)
0.045 (1.16)
0.042 (1.07)
0.081 (2.05)
0.077 (1.95)
0.212 (5.38)
0.208 (5.29)
0.264 (6.70)
0.254 (6.46)
0.055 (1.40)
0.051 (1.30)
0.170 (4.31)
0.163 (4.15)
(1)
(2)
(3)
0.019 (0.50 Min.)
0.019 (0.50 Min.)


Similar Part No. - SPL820LLCTPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SPL8100PT CHENMKO-SPL8100PT Datasheet
182Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Marl International Limi...
SPL8356 MARL-SPL8356 Datasheet
597Kb / 2P
   high intensity Step Light
logo
Chenmko Enterprise Co. ...
SPL840LAPT CHENMKO-SPL840LAPT Datasheet
160Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL840LCTPT CHENMKO-SPL840LCTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL840LPT CHENMKO-SPL840LPT Datasheet
157Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SPL820LLCTPT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com