Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM300-S48 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TM300-S48
Description  300 WATT MEDICAL POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM300-S48 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TM300-S48 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM300-S48 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM300-S48 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MEDICAL GRADE
TM300 SERIES
MECHANICAL SPECIFICATIONS
Multiple Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector P1 is Dinkle DT-35-B01W-03 screws are
M3, Nickel plated.
4.
Connector P4 mates with Molex housing 50-37-5103 and
pins 5263.
5.
Connectors P2, P3, P5 and P6: M3*0.5 screw connections
6.
Output connector P7 mates with Molex housing 09-50-3041
and Molex 2878 series crimp terminal.
7.
Weight: 1.24 kgs. (2.73 lbs.) approx.
8.
DC fan on P4 is rated at 12V/0.1A.
PIN CHART
P1 (AC)
P4
Product No.
1
2
3
P2
P3
1
2
3
4
TM300-S5.1 TM300-S3.3
TM300-S12
TM300-S15
TM300-S24
TM300-S30
TM300-S48
LIVE
NEUTRAL GROUND
+VO1
+VO1
SIGNAL GROUND
(-VO1)
+S (VO1)
-S (VO1)
PFD
`
P4
P7
Product No.
5
6
7
8
9
10
P5
P6
1
2
3
4
TM300-S5.1
TM300-S3.3
TM300-S12
TM300-S15
TM300-S24
TM300-S30
TM300-S48
INHIBIT
N.C.
N.C.
N.C.
0V (FAN)
FAN
-VO1
-VO1
VOID
VOID
VOID
VOID
P1 (AC)
P4
Product No.
1
2
3
P2
P3
1
2
3
4
TM300-Q403 TM300-Q40
TM300-Q41
TM300-Q42
TM300-Q45
TM300-Q46
TM300-Q47
TM300-Q48
TM300-Q49
TM300-Q410
TM300-Q411 TM300-Q412
TM300-Q413 TM300-Q414
LIVE
NEUTRAL GROUND
+VO1
-VO1
SIGNAL GROUND
(-VO1)
+S (VO1)
-S (VO1)
PFD
P4
P7
Product No.
5
6
7
8
9
10
P5
P6
1
2
3
4
TM300-Q403
TM300-Q40
TM300-Q41
TM300-Q42
TM300-Q45
TM300-Q46
TM300-Q47
TM300-Q48
TM300-Q49
TM300-Q410
TM300-Q411
TM300-Q412
TM300-Q413
TM300-Q414
INHIBIT
N.C.
+S (VO2)
-S (VO2)
0V (FAN)
FAN
+VO2
-VO2
+VO3 -VO3
+VO4
-VO4
CONN
PIN
CONN
PIN
CONN
PIN
CONN
PIN
Single Output Models
Multiple Output Models
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TM300-S48

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TM3001 SPECTRUM-TM3001 Datasheet
40Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM3001 APITECH-TM3001 Datasheet
41Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3002 SPECTRUM-TM3002 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
API Technologies Corp
TM3002 APITECH-TM3002 Datasheet
43Kb / 1P
   RF AMPLIFIER MODEL
logo
Spectrum Microwave, Inc...
TM3003 SPECTRUM-TM3003 Datasheet
38Kb / 1P
   RF AMPLIFIER
More results

Similar Description - TM300-S48

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MMK320S ASTRODYNE-MMK320S Datasheet
635Kb / 3P
   Medical Grade 300 Watt Enclosed Switching Power Supplies
logo
Sparkle Power Inc.
FSP300-70MU SPI-FSP300-70MU Datasheet
116Kb / 1P
   300 Watts MEDICAL POWER SUPPLIES
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com