Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFC130-Q45-3 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TFC130-Q45-3
Description  PFC 130 WATT POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TFC130-Q45-3 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TFC130-Q45-3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TFC130-Q45-3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TFC130-Q45-3 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UNIVERSAL INPUT
TFC130 SERIES
MECHANICAL SPECIFICATIONS
PIN CHART
P1
P2
P3
P4
1
2
1
2
3
4
5
6
1
2
3
4
1
2
TFC130-D23-3
N.C.
-SENSE
(VO)
+SENSE
(VO)
VO
COM.
RET
TFC130-D23
TFC130-D25
TFC130-D24
AC
LIVE
AC
NEUTRAL
V1
COM.
RET.
COM.
RET.
N.C.
N.C.
V2
N.C.
N.C.
PG/PFD
Signal
COM.
RET.
VOID
TFC130-T31
TFC130-T33
TFC130-T32
V3
N.C.
TFC130-T34
TFC130-T36
TFC130-T35
V4
N.C.
N.C.
VOID
TFC130-T31-3
TFC130-T39-3
TFC130-T33-3
AC
LIVE
AC
NEUTRAL
V1
COM.
RET.
COM.
RET.
N.C.
N.C.
V2
-SENSE
(VO)
+SENSE
(VO)
PG/PFD
Signal
COM.
RET.
VO
COM.
RET.
TFC130-Q41
TFC130-Q43
TFC130-Q42
V4
N.C.
FAN
VOID
TFC130-Q41-3
TFC130-Q43-3
TFC130-Q42-3
V3
N.C.
TFC130-Q44-3
TFC130-Q46-3
TFC130-Q45-3
AC
LIVE
AC
NEUTRAL
V1
COM.
RET.
COM.
RET.
N.C.
V4
V2
-SENSE
(VO)
+SENSE
(VO)
PG/PFD
Signal
COM.
RET.
VO
COM.
RET.
TFC130-F51-3
TFC130-F53-3
TFC130-F52-3
AC
LIVE
AC
NEUTRAL
V1
COM.
RET.
COM.
RET.
V3
V4
V2
-SENSE
(VO)
+SENSE
(VO)
PG/PFD
Signal
COM.
RET.
VO
COM.
RET.
CONN
PIN
Product No.
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Connector P1 mates with Molex housing
09-50-3031 and Molex 2878 series crimp terminal.
4.
Connectors P2 and P4 are suitable for
AWG#18~AWG#12 electric wires.
5.
Connector P3 mates with Molex housing
22-01-1043 and Molex 40445 series crimp
terminal.
6.
Weight: 0.43 kgs. (0.95 lbs.) approx.
7.
Potentiometers for output voltage adjustments:
VR1 for V1, VR2 for V0, VR3 for V3, VR4 for V4
(VR3 and VR4 being SMD type on trace side)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TFC130-Q45-3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130-S12 TRUMPOWER-TFC130-S12 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S15 TRUMPOWER-TFC130-S15 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S18 TRUMPOWER-TFC130-S18 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S24 TRUMPOWER-TFC130-S24 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S30 TRUMPOWER-TFC130-S30 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
More results

Similar Description - TFC130-Q45-3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130S TRUMPOWER-TFC130S Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
   130 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com