Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP110-T31 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP110-T31
Description  110 WATT MEDICAL POWER ADAPTERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP110-T31 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP110-T31 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP110-T31 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
110 WATT MEDICAL POWER ADAPTERS
DES C RI P T I O N
The TMP110 series of AC/DC switching power
adapters
are
for
110
watts
of
continuous
output power. They are enclosed in a 94V-1
rated polyphenylene-oxide case with an IEC
320 inlet to mate with interchangeable cord for
world-wide use. An on/off switch can be added
at request. All models meet CISPR 11 and FCC
class B emission limits, and are designed for
medical applications.
FE AT URES
‧ Dual, triple or quadruple outputs
‧ Optional output connectors
‧ Optional on/off s w itch
‧ Optional Po w e r Fail Det ect (PFD) s i gnal
‧ 100 % b u rn-in
‧ Wide input range 85 to 2 64 VA C
‧ Input surge current p r otection
‧ Ov er v o l tage protection
Ov ercurrent protection
TMP110 SERIES
Saf e t y Sta n da rd A ppr o va l s :
I N PU T S P E C IF IC AT ION S
Input v o lt ag e :
85 to 264 VA C
Input freque nc y :
47 to 63 H z
Input curren t :
3.20 A (rm s) f o r 115 VA C
1.80 A (rm s) f o r 230VAC
Leakage cu r r ent : 90µA max. @ 115VAC , 60 Hz
150µA m a x. @ 230VAC, 5 0 Hz
ENVI RONME N TA L S PECI F I C AT IONS
Operating te mperature :
0ºC t o +7 0 º C
S t orage temperature :
-40ºC to +85 º C
Relati v e hu midit y :
5% to 95% n on-con den sin g
Derating :
Derate fr om 100% at +50 º C
linear ly to 50 % at +7 0ºC
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
110 watts maximum
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Provided on output #1 only;
set at 112-132% of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04%/ºC
maximum
Transient response:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500us after a
25% step load change
PFD signal (optional):
TTL logic high for normal
operation and TTL logic low
upon loss of input power. This
signal appears at least 1ms
prior to +5V output dropping
5% below its nominal value.
This signal also provides a
minimum delay of 100ms after
+5V is within regulation.
GENERAL SPECIFICATIONS
Switching frequency: 20KHz to 250KHz, varies with load and line
Efficiency:
70% minimum on single output models with
Vo
≥12V, 65% minimum on the others
Hold-up time:
12 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps
@230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output 1500VAC
from input to ground
500VAC from output to ground
MTBF:
550,000 hours minimum at full load at 25ºC
ambient, calculated per MIL-HDBK-217F,
excluding DC fan.
EMC Performance (EN60601-1-2: 2001)
EN550 11 :
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3- 2 :
Harmonic distortion, Class A
EN61000-3- 3 :
Line flicker
EN61000-4- 2 :
ESD, ±8KV air and ±6KV contact
EN61000-4- 3 :
Radiated immunity, 3V/m for 80~2500MHz
EN61000-4- 4 :
Fast transient/burst, ±2KV
EN61000-4- 5 :
Surge, ±1KV diff, ±2KV com.
EN61000-4- 6 :
Conducted immunity, 3Vrms
EN61000-4- 8 :
Magnetic field immunity, 3A/m
EN61000-4- 11 :
Voltage dips, 30% reduction for 500ms, 60%
reduction for 100ms and >95% reduction for
10ms
(MDD)
TÜV EN60601-1
UL 2601-1
CSA C22.2 No. 601.1
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TMP110-T31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP110 TI1-TMP110 Datasheet
1Mb / 36P
[Old version datasheet]   TMP110 Ultra-Small, ±1.0°C Accurate, I2C Digital Temperature Sensor for Cost- Sensitive Systems
FEBRUARY 2024
TMP110 TI1-TMP110 Datasheet
1Mb / 47P
[Old version datasheet]   TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
FEBRUARY 2024
More results

Similar Description - TMP110-T31

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TUP110 TRUMPOWER-TUP110 Datasheet
183Kb / 2P
   110 WATT POWER ADAPTERS
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
   55 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
   180 WATT MEDICAL POWER ADAPTERS
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
   12-24 Watt Medical Power Adapters
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com