Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFC130-F51-3 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TFC130-F51-3
Description  PFC 130 WATT POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TFC130-F51-3 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TFC130-F51-3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TFC130-F51-3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TFC130-F51-3 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UNIVERSAL INPUT
OUTPUT VOLTAGE/CURRENT RATING CHART
(1)(2)
V1(3)
V2
V3 (4)
V4 (4)
VO
(5)(6)
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
5CFM 10CFM
Product No.
Vnom. Imax.Imax. Tol. Vnom. Imax. Imax. Tol.
Vnom.
Imax.Imax.Tol.
Vnom.
Imax.Imax. Tol. Vnom. Imax. Imax.
Tol.
TFC130-D23-3 +5.1V
8A 12A
2%
(N/A)
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-D23
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
(N/A)
(N/A)
TFC130-D24
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
(N/A)
(N/A)
TFC130-D25
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
(N/A)
(N/A)
TFC130-T31
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T32
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T33
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
(N/A)
TFC130-T34
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T35
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T36
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
–5V~–24V 0.5A 1A
2%
(N/A)
TFC130-T31-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-T33-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-T39-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
(N/A)
+3.3V
8A
12A
2%
TFC130-Q41
+5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q42
+5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q43
+5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A
1A
2%
(N/A)
TFC130-Q41-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q42-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q43-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2%
(N/A)
+3.3V
8A
12A
2%
TFC130-Q44-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-Q45-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-Q46-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
(N/A)
–5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F51-3 +5.1V
8A 12A
2%
+12V 3.25A
6A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F52-3 +5.1V
8A 12A
2%
+15V
2.6A 4.8A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
TFC130-F53-3 +5.1V
8A 12A
2%
+24V 1.63A
3A 3%
+5V~+24V 0.5A 1A 2% –5V~–24V 0.5A 1A
2% +3.3V
8A
12A
2%
NOTES:
1. The outputs of each model are from two independent channels. Channel
#1 consists of the main output V1 and auxiliary output V0. Channel #2
consists of the main output V2 and auxiliary outputs V3 and V4. The
maximum output power that may be drawn from each channel is 45W
with 5 CFM forced-air cooling or 65W with 10 CFM forced-air cooling.
The derating curve on right provides guidelines on application within the
specified operating temperature range.
2. “5 CFM Imax.” (“10 CFM Imax.”) is the maximum current of individual
output when 5 CFM (10 CFM) forced air is provided. Under a specific
cooling condition, both the maximum output power stated in note #1 and
the maximum current of individual output must not be exceeded.
3. V1 needs a minimum current of 0.8A to support output V0 at its maximum
rated load.
4. The total output power of V3 and V4 should not exceed 30W. V3 is adjustable between +5V and +24V, and set at +12V as standard.
V4 is adjustable between –5V and –24V, and set at –12V as standard. It is welcome to consult factory for the two outputs to be set
at wanted voltages within the adjustable ranges.
5. Ripple and noise measured peak to peak across a 20MHz bandwidth by using a 12 inch twisted pair terminated with a 10µF
tantalum capacitor in parallel with a 0.1µF ceramic capacitor.
6. “Tol.” Is output voltage tolerance which includes initial set-up error, thermal drift, line regulation, load regulation and cross
regulation.
TFC130 SERIES
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TFC130-F51-3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130-S12 TRUMPOWER-TFC130-S12 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S15 TRUMPOWER-TFC130-S15 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S18 TRUMPOWER-TFC130-S18 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S24 TRUMPOWER-TFC130-S24 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
TFC130-S30 TRUMPOWER-TFC130-S30 Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
More results

Similar Description - TFC130-F51-3

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TFC130S TRUMPOWER-TFC130S Datasheet
274Kb / 2P
   PFC 130 WATT POWER SUPPLIES
logo
CINCON ELECTRONICS Corp...
CFM130M CINCON-CFM130M Datasheet
563Kb / 2P
   130 WATT MEDICAL AC-DC POWER SUPPLY WITH PFC
CFM130S CINCON-CFM130S Datasheet
649Kb / 5P
   130 WATT OPEN FRAME AC-DC MODULES WITH PFC
logo
Tumbler Technologies + ...
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
SPU130 ASTRODYNE-SPU130 Datasheet
571Kb / 3P
   130 Watt Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
PUP60 TRUMPOWER-PUP60 Datasheet
177Kb / 2P
   60-130 WATT DESKTOP POWER ADAPTERS
logo
Artesyn Technologies
CMP350 ARTESYN-CMP350 Datasheet
96Kb / 5P
   Quad output 350 Watt AC/DC high wattage power supplies with PFC
M3000 ARTESYN-M3000 Datasheet
62Kb / 4P
   Single output 3000 and 4000 Watt AC/DC high current power supplies with PFC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com