Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0223DGQ Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA0223DGQ
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0223DGQ Datasheet(HTML) 4 Page - Texas Instruments

  TPA0223DGQ Datasheet HTML 1Page - Texas Instruments TPA0223DGQ Datasheet HTML 2Page - Texas Instruments TPA0223DGQ Datasheet HTML 3Page - Texas Instruments TPA0223DGQ Datasheet HTML 4Page - Texas Instruments TPA0223DGQ Datasheet HTML 5Page - Texas Instruments TPA0223DGQ Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TPA0223
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS277A – JANUARY 2000 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
30
mV
IDD
Supply current
10
13
mA
IDD(SD)
Supply current, shutdown mode
1
10
µA
operating characteristics, VDD = 3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power see Note 1
THD = 1%,
BTL mode
660
mW
PO
Output power, see Note 1
THD = 0.1%,
SE mode,
RL = 32 Ω
33
mW
THD + N
Total harmonic distortion plus noise
PO = 500 mW, f = 20 Hz to 20 kHz
0.3%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%
20
kHz
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
30
mV
IDD
Supply current
11
15
mA
IDD(SD)
Supply current, shutdown mode
1
10
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power see Note 1
THD = 1%,
BTL mode
2
W
PO
Output power, see Note 1
THD = 0.1%,
SE mode,
RL = 32 Ω
95
mW
THD + N
Total harmonic distortion plus
noise
PO = 1 W,
f = 20 Hz to 20 kHz
0.2%
BOM
Maximum output power bandwidth
Gain = 2.5,
THD = 2%
20
kHz
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.


Similar Part No. - TPA0223DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQRG4 TI1-TPA0223DGQRG4 Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0223DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com