Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2474CDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2474CDRG4
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2474CDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2474CDRG4 Datasheet HTML 3Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 4Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 5Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 6Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 7Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 8Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 9Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 10Page - Texas Instruments TLV2474CDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
250
2200
TLV247x
Full range
2400
VIO
Input offset voltage
25
°C
250
1600
µV
TLV247xA
Full range
2000
Temperature coefficient of input
°
αVIO
Temperature coefficient of input
offset voltage
VIC = VDD/2,
0.4
µV/°C
VO = VDD/2,
25
°C
1.7
50
IIO
Input offset current
RS = 50 Ω
TLV247xC
Full range
100
IIO
Input offset current
TLV247xI
Full range
300
25
°C
2.5
50
pA
IIB
Input bias current
TLV247xC
Full range
100
IIB
Input bias current
TLV247xI
Full range
300
25
°C
4.85
4.96
IOH = - 2.5 mA
Full range
4.8
VOH
High-level output voltage
VIC = VDD/2
25
°C
4.72
4.82
V
IOH = - 10 mA
Full range
4.65
25
°C
0.07
0.15
IOL = 2.5 mA
Full range
0.2
VOL
Low-level output voltage
VIC = VDD/2
25
°C
0.178
0.28
V
IOL = 10 mA
Full range
0.35
25
°C
110
Sourcing
Full range
60
25
°C
63
Sourcing,
TLV247xC
Full range
61
Outside of rails
TLV247xI
Full range
58
IOS
Short-circuit output current
25
°C
90
mA
Sinking
Full range
60
25
°C
63
Sinking,
TLV247xC
Full range
61
Outside of rails
TLV247xI
Full range
58
IO
Output current
VO = 0.5 V from rail
25
°C
±35
mA
Large-signal differential voltage
25
°C
92
120
AVD
Large-signal differential voltage
amplification
VO(PP) = 3 V,
RL = 10 kΩ
Full range
91
dB
ri(d)
Differential input resistance
25
°C
1012
CIC
Common-mode input
capacitance
f = 10 kHz
25
°C
18.9
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
25
°C
1.8
Full range is 0
°C to 70°C for C suffix and - 40°C to 125°C for I suffix. If not specified, full range is - 40°C to 125°C.
Depending on package dissipation rating


Similar Part No. - TLV2474CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2474CDRG4 TI-TLV2474CDRG4 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2474CDRG4 TI-TLV2474CDRG4 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2474CDRG4 TI1-TLV2474CDRG4 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2474CDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2471-Q1 TI1-TLV2471-Q1 Datasheet
780Kb / 31P
[Old version datasheet]   FAMILY OF 600-關A/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI-TLV2470_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF 600關A/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI-TLV247X-Q1 Datasheet
662Kb / 27P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2470 TI1-TLV2470_16 Datasheet
2Mb / 64P
[Old version datasheet]   FAMILY OF 600muA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2470 TI-TLV2470_07 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF 600mA/Ch 2.8MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV247X-Q1 TI1-TLV247X-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   FAMILY OF 600-uA.CH 2.8-HHz RAIL-TO-RAIL INPUT-OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2370 TI-TLV2370 Datasheet
871Kb / 28P
[Old version datasheet]   FAMILY OF 550- UA/CH 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2370 TI-TLV2370_05 Datasheet
955Kb / 31P
[Old version datasheet]   FAMILY OF 550-uA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com