Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2-2D1215N Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSC2-2D1215N
Description  DC/DC CONVERTERS 7-pin SIP, 2 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSC2-2D1215N Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSC2-2D1215N Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
12 VDC IN
5 VDC IN
500 mA
400 mA
165 mA
133 mA
±200 mA
±83 mA
±66 mA
MODEL NUMBER
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
2
14
6
5
0.77
(19.5)
0.10
(2.54)
0.12
(3.0)
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES (mm)
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range.................................................±10%
Input Filter.............................................................Pi Filter
OUTPUT SPECIFICATIONS
Voltage Accuracy..............................................±3%, Max.
Voltage Balance, Balance Load.......................±1%, Max.
Line Regulation, FL...............................±1.2%/%Vin, Typ.
Load Regulation, FL-20%FL.............................±8%, Typ.
(For regulated 0.75W models, see TSB Series.)
Ripple and Noise, 20MHz BW..................100 mVp-p, Typ.
150 mVp-p, Max.
Short Circuit Protection.........................0.5 Second, Max.
GENERAL SPECIFICATIONS
Efficiency.............................................................73- 83%
Isolation Voltage, Input to Output.....................1,000 VDC
(For 3K VDC isolated 1W models, see TSC-H Series.)
Isolation Resistance...................................109 Ohms, Min.
Isolation Capacitance.......................................80pF, Typ.
Switching Frequency.....................................80 kHz, Typ.
Operating Temperature, No Derating.......-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling...............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>2,000k Hours
Weight....................................................0.1 oz. (3 grams)
Case Material.....................Non-Conductive Black Plastic
PIN
FUNCTION
PIN CONNECTIONS
1
2
4
5
6
*No pin on single output models.
1.7W
2W
2W
2W
2W
2W
2W
0.40
(10.2)
+V Input
-V Input
-V Output
Common*
+V Output
TSC2-2S053.3N
TSC2-2S0505N
TSC2-2S0512N
TSC2-2S0515N
TSC2-2D0505N
TSC2-2D0512N
TSC2-2D0515N
TSC2-2S243.3N
TSC2-2S2405N
TSC2-2S2412N
TSC2-2S2415N
TSC2-2D2405N
TSC2-2D2412N
TSC2-2D2415N
TSC2-2S123.3N
TSC2-2S1205N
TSC2-2S1212N
TSC2-2S1215N
TSC2-2D1205N
TSC2-2D1212N
TSC2-2D1215N
Rev. A .01 -01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TSC2-N Series
7-pin SIP, 2 Watt
T
0.09
(2.3)
0.02
(0.5)
0.05
(1.25)
0.30
(7.6)


Similar Part No. - TSC2-2D1215N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC2-2D1215N TRUMPOWER-TSC2-2D1215N Datasheet
27Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TSC2-2D1215N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC-1S053.3 TRUMPOWER-TSC-1S053.3 Datasheet
15Kb / 1P
   DC/DC CONVERTERS 7-Pin SIP, Regulated 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
List of Unclassifed Man...
TSD-1251 ETC1-TSD-1251 Datasheet
48Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Premier Magnetics, Inc.
S6AU050925 PMI-S6AU050925 Datasheet
25Kb / 1P
   2.25 WATT SIP DC/DC CONVERTERS
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
logo
Power-One
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
logo
Premier Magnetics, Inc.
S4AD050520 PMI-S4AD050520 Datasheet
26Kb / 1P
   2.00 WATT SIP DC/DC CONVERTERS 1000Vdc ISOLATION
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com