Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC-1D0512NH Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSC-1D0512NH
Description  DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSC-1D0512NH Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSC-1D0512NH Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24 VDC IN
15 VDC IN
12 VDC IN
5 VDC IN
303 mA
200 mA
84 mA
67 mA
±100 mA
±42 mA
±34 mA
MODEL NUMBER
OUTPUT
POWER
OUTPUT
VOLTAGE
OUTPUT
CURRENT
3.3 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
1.0W
TSC-1S053.3NH
TSC-1S0505NH
TSC-1S0512NH
TSC-1S0515NH
TSC-1D0505NH
TSC-1D0512NH
TSC-1D0515NH
TSC-1S153.3NH
TSC-1S1505NH
TSC-1S1512NH
TSC-1S1515NH
TSC-1D1505NH
TSC-1D1512NH
TSC-1D1515NH
TSC-1S243.3NH
TSC-1S2405NH
TSC-1S2412NH
TSC-1S2415NH
TSC-1D2405NH
TSC-1D2412NH
TSC-1D2415NH
TSC-1S123.3NH
TSC-1S1205NH
TSC-1S1212NH
TSC-1S1215NH
TSC-1D1205NH
TSC-1D1212NH
TSC-1D1215NH
0.25W, 0.5W and 0.75W versions and other input/output combinations available.
Rev. A - 01/2008-
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
TSC-NH Series
3KV Isolation, 0.25 to 1 Watt
T
TSC-1S483.3NH
TSC-1S4805NH
TSC-1S4812NH
TSC-1S4815NH
TSC-1D4805NH
TSC-1D4812NH
TSC-1D4815NH
48 VDC IN
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range.................................................±10%
Input Filter........................................................Capacitors
OUTPUT SPECIFICATIONS
Voltage Accuracy..............................................±5%, Max.
Line Regulation, FL...............................±1.2%/%Vin, Max.
Load Regulation, FL-20%FL.............................±8%, Max.
(For regulated output models, see TSC-H Series.)
Ripple and Noise, 20MHz BW..................50 mVp-p, Typ.
100 mVp-p, Max.
Short Circuit Protection...................................Short Term
GENERAL SPECIFICATIONS
Efficiency.............................................................65 - 78%
Isolation Voltage, Input to Output.....................3,000 VDC
Isolation Resistance...................................109 Ohms, Min.
Isolation Capacitance.......................................60pF, Typ.
Switching Frequency...................................125 kHz, Typ.
Operating Temperature, No Derating.......-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling...............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C..........>2,000k Hours
Weight....................................................0.1 oz. (3 grams)
Case Material.....................Non-Conductive Black Plastic
PIN
FUNCTION
PIN CONNECTIONS
1
2
5
6
7
+V Input
-V Input
-V Output
*Common
+V Output
*0.285 (7.2) on 48V input models
PIN SIZE: 0.02 X 0.01 INCH
ALL DIMENSIONS IN INCHES
2
15
7
6
0.10
(2.54)
0.12 Min.
(3.0)
0.40
(10.2)
0.09
(2.35)
0.02
(0.5)
0.05
(1.27)
*0.24
(6.0)
0.77
(19.5)
*No pin on single output models.


Similar Part No. - TSC-1D0512NH

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC-1D0512NH TRUMPOWER-TSC-1D0512NH Datasheet
15Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - TSC-1D0512NH

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TS1-1S0505NH TRUMPOWER-TS1-1S0505NH Datasheet
16Kb / 1P
   DC/DC CONVERTERS 3KV Isolation, 0.25 to 1 Watt
logo
AIMTEC
AMQL-N AIMTEC-AMQL-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
logo
Tumbler Technologies + ...
TS1-1S0505N TRUMPOWER-TS1-1S0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 4-pin SIP, 0.25 to 1 Watt
TSC-3QS0505N TRUMPOWER-TSC-3QS0505N Datasheet
16Kb / 1P
   DC/DC CONVERTERS 7-pin SIP, 0.25 to 1 Watt
logo
List of Unclassifed Man...
D01-01 ETC1-D01-01 Datasheet
51Kb / 1P
   1 WATT DC TO DC CONVERTERS
logo
Toppower Electronic Tec...
TP06AZ TOPPOWER-TP06AZ Datasheet
288Kb / 3P
   6W 3KV Isolation Wide Input AC/DC Converters
TP03AA TOPPOWER-TP03AA_18 Datasheet
705Kb / 4P
   3W 3KV Isolation Wide Input AC/DC Converters
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
Intronics Power, Inc.
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
   3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com