Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA102DGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA102DGN
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA102DGN Datasheet(HTML) 4 Page - Texas Instruments

  TPA102DGN Datasheet HTML 1Page - Texas Instruments TPA102DGN Datasheet HTML 2Page - Texas Instruments TPA102DGN Datasheet HTML 3Page - Texas Instruments TPA102DGN Datasheet HTML 4Page - Texas Instruments TPA102DGN Datasheet HTML 5Page - Texas Instruments TPA102DGN Datasheet HTML 6Page - Texas Instruments TPA102DGN Datasheet HTML 7Page - Texas Instruments TPA102DGN Datasheet HTML 8Page - Texas Instruments TPA102DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPA102
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS213C – AUGUST 1998 – REVISED MARCH 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
40†
mW
THD+N
Total harmonic distortion + noise
PO = 30 mW,
20–20 kHz
0.5%
BOM
Maximum output power BW
AV = 10,
THD <2%
>20
kHz
Phase margin
Open loop
58
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
97
dB
SNR
Signal-to-noise ratio
PO = 100 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
† Measured at 1 kHz
ac operating characteristics, VDD =5 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
40†
mW
THD+N
Total harmonic distortion + noise
PO = 60 mW,
20–20 kHz
0.4%
BOM
Maximum output power BW
AV = 10,
THD <2%
>20
kHz
Phase margin
Open loop
56
°
Supply ripple rejection ratio
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
97
dB
SNR
Signal-to-noise ratio
PO = 150 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
† Measured at 1 kHz
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
THD+N
Total harmonic distortion plus noise
vs Frequency
1, 2, 4, 5, 7, 8,
10, 11, 13, 14,
16, 17, 34, 36
vs Power output
3, 6, 9,
12, 15, 18
Power supply rejection ratio
vs Frequency
19, 20
Vn
Output noise voltage
vs Frequency
21, 22
Crosstalk
vs Frequency
23–26, 37, 38
Mute attenuation
vs Frequency
27, 28
Open-loop gain
vs Frequency
29 30
Phase margin
vs Frequency
29, 30
Output power
vs Load resistance
31, 32
IDD
Supply current
vs Supply voltage
33
SNR
Signal-to-noise ratio
vs Voltage gain
35
Closed-loop gain
vs Frequency
39 44
Phase
vs Frequency
39–44
Power dissipation
vs Output power
45, 46


Similar Part No. - TPA102DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA102DGN TI1-TPA102DGN Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102DGNR TI1-TPA102DGNR Datasheet
732Kb / 26P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA102DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com