Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA112D Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA112D
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA112D Datasheet(HTML) 3 Page - Texas Instruments

  TPA112D Datasheet HTML 1Page - Texas Instruments TPA112D Datasheet HTML 2Page - Texas Instruments TPA112D Datasheet HTML 3Page - Texas Instruments TPA112D Datasheet HTML 4Page - Texas Instruments TPA112D Datasheet HTML 5Page - Texas Instruments TPA112D Datasheet HTML 6Page - Texas Instruments TPA112D Datasheet HTML 7Page - Texas Instruments TPA112D Datasheet HTML 8Page - Texas Instruments TPA112D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dc electrical characteristics at TA = 25°C, VDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
5
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
83
dB
IDD(q)
Supply current
1.5
3
mA
IDD(SD)
Supply current in SHUTDOWN mode
10
50
µA
ZI
Input impedance
>1
M
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
70†
mW
THD+N
Total harmonic distortion + noise
PO = 70 mW,
20–20 kHz
2%
BOM
Maximum output power BW
G = 10,
THD <5%
>20
kHz
Phase margin
Open loop
58
°
SVRR
Supply ripple rejection
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
86
dB
SNR
Signal-to-noise ratio
PO = 100 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
† Measured at 1 kHz
dc electrical characteristics at TA = 25°C, VDD = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
5
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V
76
dB
IDD(q)
Supply current
1.5
3
mA
IDD(SD)
Supply current in SHUTDOWN mode
60
100
µA
ZI
Input impedance
>1
M
ac operating characteristics, VDD =5 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power (each channel)
THD
≤ 0.1%
70†
mW
THD+N
Total harmonic distortion + noise
PO = 150 mW, 20–20 kHz
2%
BOM
Maximum output power BW
G = 10,
THD <5%
>20
kHz
Phase margin
Open loop
56
°
SVRR
Supply ripple rejection
f = 1 kHz
68
dB
Channel/channel output separation
f = 1 kHz
86
dB
SNR
Signal-to-noise ratio
PO = 150 mW
100
dB
Vn
Noise output voltage
9.5
µV(rms)
† Measured at 1 kHz


Similar Part No. - TPA112D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112D TI1-TPA112D Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGN TI1-TPA112DGN Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGNR TI1-TPA112DGNR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DR TI1-TPA112DR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA112D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com