Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA112DGN Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA112DGN
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA112DGN Datasheet(HTML) 2 Page - Texas Instruments

  TPA112DGN Datasheet HTML 1Page - Texas Instruments TPA112DGN Datasheet HTML 2Page - Texas Instruments TPA112DGN Datasheet HTML 3Page - Texas Instruments TPA112DGN Datasheet HTML 4Page - Texas Instruments TPA112DGN Datasheet HTML 5Page - Texas Instruments TPA112DGN Datasheet HTML 6Page - Texas Instruments TPA112DGN Datasheet HTML 7Page - Texas Instruments TPA112DGN Datasheet HTML 8Page - Texas Instruments TPA112DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
SMALL OUTLINE†
(D)
MSOP†
(DGN)
MSOP
Symbolization
–40
°C to 85°C
TPA112D
TPA112DGN
TI AAD
† The D and DGN package is available in left-ended tape and reel only (e.g., TPA112DR,
TPA112DGNR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
GND
4
I
GND is the ground connection.
IN1–
2
I
IN1– is the inverting input for channel 1.
IN1+
3
I
IN1+ is the noninverting input for channel 1.
IN2–
6
I
IN2– is the inverting input for channel 2.
IN2+
5
I
IN2+ is the noninverting input for channel 2.
VDD
8
I
VDD is the supply voltage terminal.
VO1
1
O
VO1 is the audio output for channel 1.
VO2
7
O
VO2 is the audio output for channel 2.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VI
–0.3 V to VDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, II
±2.5 µA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W‡
17.1 mW/
°C
1.37 W
1.11 W
‡ Please see the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(literature number SLMA002), for more information on the PowerPAD package. The thermal data was
measured on a PCB layout based on the information in the section entitled
Texas Instruments Recommended
Board for PowerPAD on page 33 of the before mentioned document.
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2.5
5.5
V
Operating free-air temperature, TA
–40
85
°C


Similar Part No. - TPA112DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112DGN TI1-TPA112DGN Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112DGNR TI1-TPA112DGNR Datasheet
1Mb / 32P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA112DGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com