Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMO-3-1000-G-LF-TR Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # CMO-3-1000-G-LF-TR
Description  Commercial Grade Metal Oxide Resistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMO-3-1000-G-LF-TR Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  CMO-3-1000-G-LF-TR Datasheet HTML 1Page - IRC - a TT electronics Company. CMO-3-1000-G-LF-TR Datasheet HTML 2Page - IRC - a TT electronics Company. CMO-3-1000-G-LF-TR Datasheet HTML 3Page - IRC - a TT electronics Company. CMO-3-1000-G-LF-TR Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Oxide Resistor
Sample Part No.
IRC Type
Power Rating
(See specs table)
Resistance Value (EIA 4-digit code)
(
≥100
Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100
Ω = 1000, 1000Ω = 1001; 150KΩ = 1503
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 51R0, 1Ω = 1R00, 0.25Ω = R250
Tolerance (EIA format)
G = ±2%; J = ±5%; K = ±10%
RoHS- compliance
LF = RoHS compliant construction
Packaging
TR = tape and reel only
Ordering Data
CMO
2
1001
J
LF
TR
Specify type, resistance, tolerance, RoHS-Compliance and packaging.
This example is for a Metal Oxide Resistor, 2-watt, 1000
Ω resistor.
Power Derating Curve
Ambient Temperature (°C)
Temperature Rise Chart
CMO Series Issue September 2008 Sheet 4 of 4
-55°C
70°C
130°C
-60 -40 -20
0 20 40 60 80 100 120 140 160 180 200 240
100
80
60
40
20
0
235°C
CMO 1W - 9W
CMO 1/4W - 1/2W
7W, 8W, 9W
5W
3W
2W
1W
1/4W, 1/2W
250
200
150
100
50
0
25
50
75


Similar Part No. - CMO-3-1000-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO-3 TTELEC-CMO-3 Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
More results

Similar Description - CMO-3-1000-G-LF-TR

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
CMO TTELEC-CMO Datasheet
286Kb / 4P
   Commercial Grade Metal Oxide Resistors
CMF TTELEC-CMF Datasheet
255Kb / 3P
   Commercial Grade Metal Film Resistor
logo
IRC - a TT electronics ...
CMF IRCTT-CMF Datasheet
111Kb / 3P
   Commercial Grade Metal Film Resistor
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
   metal oxide power type leaded resistor
logo
TAITRON Components Inco...
RMX TAITRON-RMX Datasheet
281Kb / 8P
   Metal Oxide Resistor Normal & Miniature Style
logo
KOA Speer Electronics, ...
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
   metal oxide power type leaded resistor
logo
Vishay Siliconix
CPR VISHAY-CPR Datasheet
459Kb / 4P
   Wirewound/Metal Oxide Resistors, Commercial Power,
logo
KOA Speer Electronics, ...
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
   reduced size metal oxide power type leaded resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com