Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA1517DWP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPA1517DWP
Description  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA1517DWP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA1517DWP Datasheet HTML 5Page - Texas Instruments TPA1517DWP Datasheet HTML 6Page - Texas Instruments TPA1517DWP Datasheet HTML 7Page - Texas Instruments TPA1517DWP Datasheet HTML 8Page - Texas Instruments TPA1517DWP Datasheet HTML 9Page - Texas Instruments TPA1517DWP Datasheet HTML 10Page - Texas Instruments TPA1517DWP Datasheet HTML 11Page - Texas Instruments TPA1517DWP Datasheet HTML 12Page - Texas Instruments TPA1517DWP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TPA1517
6-W STEREO AUDIO POWER AMPLIFIER
SLOS162B – MARCH 1997 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 10
– 20
– 30
– 40
10
100
1 k
10 k
0
10
f – Frequency – Hz
GAIN AND PHASE
vs
FREQUENCY
20
100 k
1 M
200
°
100
°
0
°
–100
°
–200
°
VCC = 12 V
RL = 4 Ω
Phase
Gain
Figure 16
Figure 17
20
100
1 k
f – Frequency – Hz
NOISE VOLTAGE
vs
FREQUENCY
10 k 20 k
VCC = 12 V
BW = 22 Hz to 22 kHz
RL = 4 Ω
Both Channels
1
0.1
0.01
Figure 18
20
100
1 k
f – Frequency – Hz
NOISE VOLTAGE
vs
FREQUENCY
10 k 20 k
VCC = 14.5 V
BW = 22 Hz to 22 kHz
RL = 4 Ω
Both Channels
1
0.1
0.01


Similar Part No. - TPA1517DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517DWP TI-TPA1517DWP Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI-TPA1517DWPG4 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI1-TPA1517DWPG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPR TI-TPA1517DWPR Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA1517DWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com